Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS28L Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SS28L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS28L Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SS28L Datasheet HTML 1Page - HY ELECTRONIC CORP. SS28L Datasheet HTML 2Page - HY ELECTRONIC CORP. SS28L Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
●Case: JEDEC SOD-123FL molded plastic
body over passivated chip
●Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●Polarity: Laser band denotes cathode end
● Weight: 0.017gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
SS22L
SS23L
SS24L
SS25L
SS26L
SS28L
SS210L
MARKING
S22L
S23L
S24L
S25L
S26L
S28L
S210L
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 2.0A DC
VF
V
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=100℃
Typical thermal resistance
RθJL
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
2.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
CHARACTERISTICS
UNIT
I(AV)
2A
-55 to + 150
-55 to + 150
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35 μm thick)
28
0.55
0.70
0.85
mA
IFSM
50
IR
A
1.0
10
Dimensions in inches and (millimeters)
SS22L thru SS210L
SURFACE MOUNT
REVERSE VOLTAGE - 20 to 100 Volts
SCHOTTKY BARRIER RECTIFIERS
FORWARD CURRENT - 2.0 Ampere
SOD-123FL
.002(0.05)
.010(0.25)
.138(3.5)
.154(3.9)
.047(1.2)
.031(0.8)
.043(1.1)
.020(0.5)
.004(0.1)max
.024(0.6)
.039(1.0)
.098(2.5)
.114(2.9)


Similar Part No. - SS28L

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS28L GXELECTRONICS-SS28L Datasheet
446Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS28L JUXING-SS28L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
HY ELECTRONIC CORP.
SS28L HY-SS28L Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Shanghai Leiditech Elec...
SS28LVFB LEIDITECH-SS28LVFB Datasheet
345Kb / 2P
   Surface Mounted Trench Low VF Schottky Barrier Rectifiers
More results

Similar Description - SS28L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com