Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12538 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12538
Description  Heidi series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12538 Datasheet(HTML) 1 Page - Cree, Inc

  CA12538 Datasheet HTML 1Page - Cree, Inc CA12538 Datasheet HTML 2Page - Cree, Inc CA12538 Datasheet HTML 3Page - Cree, Inc CA12538 Datasheet HTML 4Page - Cree, Inc CA12538 Datasheet HTML 5Page - Cree, Inc CA12538 Datasheet HTML 6Page - Cree, Inc CA12538 Datasheet HTML 7Page - Cree, Inc CA12538 Datasheet HTML 8Page - Cree, Inc CA12538 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRODUCT DATASHEET
Heidi series
last update 3/1/2017
DETAILS
Product Number
CA12538_HEIDI-W
Family
Heidi
Type
Assembly
Color
clear
Diameter
21,6 mm
Height
11,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
3/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-L
33 deg
Wide
87 %
2.450
-
XHP35 HD
32 deg
Wide
84 %
2.410
-
XHP35 HI
32 deg
Wide
86 %
2.800
-
LUXEON Rebel ES
32 deg
Wide
87 %
2.800
-
LUXEON Rebel
32 deg
Wide
87 %
2.800
-
LUXEON A
sim: 31
Wide
-
-
-
LUXEON R
sim: 32
Wide
-
-
-
NWSx229A
31 deg
Wide
83 %
2.300
-
NVSW3x9A
31 deg
Wide
90 %
2.400
-
Oslon SSL 150
32 deg
Wide
86 %
2.900
-
Z8Y22P
31 deg
Wide
92 %
2.300
-
June 12th 2017 3:38 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12538

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
More results

Similar Description - CA12538

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
   Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
   Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
   Heidi series
CA11268 CREE-CA11268 Datasheet
2Mb / 35P
   Heidi series
CA12079 CREE-CA12079 Datasheet
2Mb / 46P
   Heidi series
CA12536 CREE-CA12536 Datasheet
1Mb / 27P
   Heidi series
logo
Ledil, Inc.
CA14000 LEDIL-CA14000 Datasheet
762Kb / 13P
   Heidi series
logo
Cree, Inc
CA11663 CREE-CA11663 Datasheet
1Mb / 33P
   Heidi series
CA12949 CREE-CA12949 Datasheet
740Kb / 15P
   Heidi series
CA11265 CREE-CA11265 Datasheet
1Mb / 26P
   Heidi series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com