Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3681JR Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3681JR
Description  Multiple voltage regulator with switch and ignition buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681JR Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3681JR Datasheet HTML 7Page - NXP Semiconductors TDA3681JR Datasheet HTML 8Page - NXP Semiconductors TDA3681JR Datasheet HTML 9Page - NXP Semiconductors TDA3681JR Datasheet HTML 10Page - NXP Semiconductors TDA3681JR Datasheet HTML 11Page - NXP Semiconductors TDA3681JR Datasheet HTML 12Page - NXP Semiconductors TDA3681JR Datasheet HTML 13Page - NXP Semiconductors TDA3681JR Datasheet HTML 14Page - NXP Semiconductors TDA3681JR Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2002 Apr 10
11
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
handbook, full pagewidth
VP1 = VP2
enable
regulator 1/3
regulator 1
enable
regulator 4
regulator 3
VP
enable
power
switch
power
switch
output
18 V
8.9 V
7.0 V
4.0 V
≥1.8 V
>1.8 V
<1.3 V
>1.8 V
<1.3 V
8.5 V
0 V
load dump
regulator 4
3.3 V
0 V
5.0 V
0 V
16.9 V
7.0 V
4.0 V
16 V
0 V
1.3 V
load dump
MGL906
Power switch behaviour
VP and enable Schmitt trigger
Fig.7 Timing diagram of regulators and power switch.


Similar Part No. - TDA3681JR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681A NXP-TDA3681A Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
More results

Similar Description - TDA3681JR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com