Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3681JR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3681JR
Description  Multiple voltage regulator with switch and ignition buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3681JR Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3681JR Datasheet HTML 1Page - NXP Semiconductors TDA3681JR Datasheet HTML 2Page - NXP Semiconductors TDA3681JR Datasheet HTML 3Page - NXP Semiconductors TDA3681JR Datasheet HTML 4Page - NXP Semiconductors TDA3681JR Datasheet HTML 5Page - NXP Semiconductors TDA3681JR Datasheet HTML 6Page - NXP Semiconductors TDA3681JR Datasheet HTML 7Page - NXP Semiconductors TDA3681JR Datasheet HTML 8Page - NXP Semiconductors TDA3681JR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2002 Apr 10
3
Philips Semiconductors
Product specification
Multiple voltage regulator with switch and
ignition buffer
TDA3681
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP1
supply voltage 1
operating
9.5
14.4
18
V
reverse polarity
non-operating
−−
18
V
regulator 2 on
4
14.4
50
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
VP2
supply voltage 2
operating
6.5
14.4
18
V
reverse polarity
non-operating
−−
18
V
regulator 2 on
0
50
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Iq(tot)
total quiescent supply current
standby mode
110
150
µA
Tj
junction temperature
−−
150
°C
Voltage regulators
Vo(REG1)
output voltage of regulator 1
1 mA
≤ IREG1 ≤ 600 mA; VP = 14.4 V
8.0
8.5
9.0
V
Vo(REG2)
output voltage of regulator 2
1 mA
≤ IREG2 ≤ 300 mA; VP = 14.4 V
4.75
5.0
5.25
V
Vo(REG3)
output voltage of regulator 3
1 mA
≤ IREG3 ≤ 1400 mA; VP = 14.4 V 4.75
5.0
5.25
V
Vo(REG4)
output voltage of regulator 4
1 mA
≤ IREG4 ≤ 1 A; VP = 14.4 V
3.14
3.3
3.46
V
Power switch
Vdrop(SW)
drop-out voltage
ISW = 1 A; VP1 = 13.5 V
0.45
0.65
V
ISW = 1.8 A; VP1 = 13.5 V
1.0
1.8
V
IM(SW)
peak current
3
−−
A


Similar Part No. - TDA3681JR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681A NXP-TDA3681A Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
More results

Similar Description - TDA3681JR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com