Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP14825 Datasheet(PDF) 1 Page - Cree, Inc

Part # FP14825
Description  Strada series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FP14825 Datasheet(HTML) 1 Page - Cree, Inc

  FP14825 Datasheet HTML 1Page - Cree, Inc FP14825 Datasheet HTML 2Page - Cree, Inc FP14825 Datasheet HTML 3Page - Cree, Inc FP14825 Datasheet HTML 4Page - Cree, Inc FP14825 Datasheet HTML 5Page - Cree, Inc FP14825 Datasheet HTML 6Page - Cree, Inc FP14825 Datasheet HTML 7Page - Cree, Inc FP14825 Datasheet HTML 8Page - Cree, Inc FP14825 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCT DATASHEET
Strada series
last update 22/5/2017
DETAILS
Product Number
FP14825_STRADA-2X2MXS-DWC2
Family
Strada
Type
Pack
Color
clear
Diameter
90x90 mm
Height
14 mm
Style
square
Optic Material
Silicone
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
22/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL445
Asymmetric degAsymmetric 93 %
0.500
-
PSL440
Asymmetric degAsymmetric 94 %
0.630
-
XHP70
Asymmetric degAsymmetric 92 %
0.520
-
XHP35 HD
Asym deg
Asymmetric 92 %
0.660
-
XHP35 HI
Asymmetric degAsymmetric 92 %
0.640
-
XHP50
Asymmetric degAsymmetric 92 %
0.600
-
H70E0
Asymmetric degAsymmetric 92 %
0.570
-
LUXEON M/MX
Asymmetric degAsymmetric 94 %
0.640
-
LUXEON XR-M square 2x2
Asymmetric degAsymmetric 94 %
0.590
-
LUXEON MZ
Asymmetric degAsymmetric 75 %
0.610
-
LUXEON M/MX
sim: AsymmetricAsymmetric sim: 90 % sim: 0.710 -
NV4x144A
Asymmetric degAsymmetric 93 %
0.580
-
NFMW48xA
sim: asym
Asymmetric sim: 93 % sim: 0.630 -
Duris S10
Asymmetric degAsymmetric 94 %
0.600
-
June 12th 2017 4:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FP14825

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP14825 LEDIL-FP14825 Datasheet
3Mb / 9P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity
More results

Similar Description - FP14825

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com