Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150121M173000 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150121M173000
Description  WL-SFCW SMD Full-color Chip LED Waterclear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150121M173000 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150121M173000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 150121M173000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
max. 60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
max. 60 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
max. 10 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
max. 220 seconds
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Applied cycles
2 cycles max.
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SFCW SMD Full-color Chip
LED Waterclear
ORDER CODE
150121M173000
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1210
001.000
Valid
2016-08-11
eiPal
6/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150121M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150121M153000 WURTH-150121M153000 Datasheet
609Kb / 8P
   WL-SFCD SMD Full-color Chip LED Diffused
More results

Similar Description - 150121M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066M173000 WURTH-150066M173000_17 Datasheet
609Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150066M173000 WURTH-150066M173000 Datasheet
505Kb / 7P
   WL-SFCW SMD full-color Chip LED Waterclear
150080M173000 WURTH-150080M173000 Datasheet
606Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
150120M173000 WURTH-150120M173000 Datasheet
892Kb / 8P
   WL-SFCW SMT Full-color Chip LED Waterclear
001.001
150120M183000 WURTH-150120M183000 Datasheet
1Mb / 9P
   WL-SFCW SMT Full-color Chip LED Waterclear
001.001
150141M173100 WURTH-150141M173100 Datasheet
2Mb / 9P
   WL-SFTW SMD TOP LED full-color waterclear
150505M173300 WURTH-150505M173300 Datasheet
691Kb / 8P
   WL-SFTW SMD Full-color TOP LED Waterclear
150352M173300 WURTH-150352M173300 Datasheet
723Kb / 8P
   WL-SFTW SMD Full-color TOP LED Waterclear
150066YV74000 WURTH-150066YV74000 Datasheet
718Kb / 8P
   WL-SBCW SMD Bi-color Chip LED Waterclear
150066SV74000 WURTH-150066SV74000_17 Datasheet
629Kb / 7P
   WL-SBCW SMD Bi-color Chip LED Waterclear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com