Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT4311 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # THAT4311
Description  Low-voltage, Low-power Analog Engine Dynamics Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT4311 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button THAT4311 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 10Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 11Page - List of Unclassifed Manufacturers THAT4311 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
The log-domain filter cutoff frequency is usually
placed well below the frequency range of interest.
For an audio-band detector, a typical value would be
5Hz, or a 32ms time constant (t). The filter’s time
constant is determined by an external capacitor at-
tached to the CT pin, and an internal current source
(ITIME) connected to CT. The current source is pro-
grammed via the IT pin: current in IT is mirrored to
ITIME with a gain of approximately one. The resulting
time constant t is approximately equal to
(0.026 ´ CT) / IT. Note that, as a result of the mathe-
matics of rms detection, the attack and release time
constants are fixed in their relationship to each other.
The DC output of the detector is scaled with the
same constant of proportionality as the VCA gain
control: 6.1mV/dB. The detector’s zero dB reference
(Iin0, the input current which causes zero volts out-
put), is determined by IT as follows: Iin0=IT. The
detector output stage is capable of sinking or sour-
cing l00mA.
Differences between the 4311’s RMS-Level Detec-
tor circuitry and that of the THAT 2252 RMS Detec-
tor are as follows:
1. The rectifier in the 4311 RMS Detector is inter-
nally balanced by design, and cannot be balanced via
an external control. The 4311 will typically balance
positive and negative halves of the input signal within
±1.5%, but in extreme cases the mismatch may
reach +20%. However, a 20% mismatch will not sig-
nificantly increase ripple-induced distortion in dy-
namics processors over that caused by signal ripple
alone.
2. The time constant of the 4311’s RMS detector
is determined by the combination of an external ca-
pacitor (connected to the CT pin) and an internal,
programmable current source. The current source is
equal to IT. Normally, a resistor is not connected di-
rectly to the CT pin on the 4311.
3. The zero dB reference point, or level match, is
not adjustable via an external current source. How-
ever, as in the 2252, the level match is affected by the
timing current, which, in this case, is drawn from the
IT pin and mirrored internally to CT.
4. The input stage of the 4311 RMS detector uses
integrated P-channel FETs rather than a bias-current
corrected bipolar differential amplifier. Input bias
currents are therefore negligible, improving perfor-
mance at low signal levels.
The Opamps - in Brief
The three opamps in the 4311 are intended for
general purpose applications. All are 5MHz opamps
with slew rates of approximately 2V/ms. All use bipo-
lar PNP input stages. However, the design of each is
optimized for its expected use. Therefore, to get the
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 8
Low-voltage, Analog Engine® Dynamics Processor
Preliminary Information
IN
17
12
OUT
VCA
EC+
SYM
EC-
OA3
Vref
U1A
THAT 4311
Iset
2
TC
5
IN
1
OUT
4
RMS
U1B
THAT 4311
3
7
OA2
Vref
6
U1C
THAT 4311
18
19
20
OA1
U1D
THAT 4311
Cap
8
Vee
10
Vref 9
Vcc
11
Vref
U1E
THAT 4311
Vref
R1
20k
R2
20k
R3
51R
R4
51k
C1
47u
C2
47p
C5
10u
C8
22u
C7
100n
R5
50k
+5
+5
Signal In
Signal Out
Control Port Drive
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
15
14
13
16
+
++
Fig 18. Circuit showing gain control at EC+


Similar Part No. - THAT4311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4301 ETC1-THAT4301 Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
THAT4301A ETC1-THAT4301A Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
More results

Similar Description - THAT4311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4301A ETC1-THAT4301A Datasheet
585Kb / 12P
   THAT Analog Engine짰 IC Dynamics Processor
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3L1G66 PHILIPS-NX3L1G66 Datasheet
114Kb / 16P
   Low-voltage analog switch
Rev. 01-3 January 2008
NX3V1G66 NXP-NX3V1G66 Datasheet
122Kb / 17P
   Low-voltage analog switch
Rev. 02-28 July 2008
logo
List of Unclassifed Man...
SAM3703 ETC1-SAM3703 Datasheet
253Kb / 30P
   LOW POWER LOW COST EFFECT PROCESSOR
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com