Electronic Components Datasheet Search |
|
CS0402GPX7RYBN103 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
CS0402GPX7RYBN103 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 19 page 2 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 SCOPE This specification describes X7R series chip capacitors with Flexible leadfree terminations. APPLICATIONS High flexure stress circuit boards Switch power supplies Telecom base station FEATURES Supplied in tape on reel Flexible termination system Leaded-free termination meet RoHS requirements Improved resistance to thermal stresses Increased mechanical performance ORDERING INFORMATION - GLOBAL PART NUMBER All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O oorrddeerriinngg ccooddee GLOBAL PART NUMBER (PREFERRED) CS XXXX X X X7R X BX XXX (1) (2) (3) (4) (5) (6) (1) SIZE – INCH BASED (METRIC) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) 1808 (4520) 1812 (4532) (2) TOLERANCE G = ± 2% (1) J = ± 5% (2) K = ± 10% M = ± 20% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch (4) RATED VOLTAGE 7 = 16 V 8 = 25 V 9 = 50 V 0 = 100 V A = 200 V Y = 250 V B = 500 V Z = 630 V C = 1 kV D = 2 kV E = 3 kV (5) PROCESS N = NP0 B = Class 2 MLCC (6) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 103 = 10 x 103 = 10,000 pF = 10 nF NOTE 1. Tolerance ±2% doesn't available for full NPO product range, please contact local sales force before order. 2. Tolerance ±5% doesn't available for full X7R product range, please contact local sales force before order. |
Similar Part No. - CS0402GPX7RYBN103 |
|
Similar Description - CS0402GPX7RYBN103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |