Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR6405 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TLHR6405
Description  High Efficiency LED in 5 mm Tinted Diffused Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR6405 Datasheet(HTML) 8 Page - Vishay Siliconix

  TLHR6405 Datasheet HTML 1Page - Vishay Siliconix TLHR6405 Datasheet HTML 2Page - Vishay Siliconix TLHR6405 Datasheet HTML 3Page - Vishay Siliconix TLHR6405 Datasheet HTML 4Page - Vishay Siliconix TLHR6405 Datasheet HTML 5Page - Vishay Siliconix TLHR6405 Datasheet HTML 6Page - Vishay Siliconix TLHR6405 Datasheet HTML 7Page - Vishay Siliconix TLHR6405 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.vishay.com
8
Document Number 83219
Rev. 1.5, 31-Aug-04
VISHAY
TLHG / R / Y640.
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - TLHR6405

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR6405 VISHAY-TLHR6405 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHR6405 VISHAY-TLHR6405 Datasheet
198Kb / 8P
   Small mechanical tolerances
Rev. 2.0, 16-Mar-15
TLHR6405 VISHAY-TLHR6405 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHR6405-ASZ VISHAY-TLHR6405-ASZ Datasheet
198Kb / 8P
   Small mechanical tolerances
Rev. 2.0, 16-Mar-15
TLHR6405-ASZ VISHAY-TLHR6405-ASZ Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHR6405

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG540 VISHAY-TLHG540_V01 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. A1, 04-Feb-99
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.9, 25-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com