Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRI30I45CT Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HTRI30I45CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HTRI30I45CT Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HTRI30I45CT Datasheet HTML 1Page - HY ELECTRONIC CORP. HTRI30I45CT Datasheet HTML 2Page - HY ELECTRONIC CORP. HTRI30I45CT Datasheet HTML 3Page - HY ELECTRONIC CORP. HTRI30I45CT Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERTIC CURVES
HTR30I45CT,
HTRF30I45CT
HTRI30I45CT,
HTRB30I45CT
www.hygroup.com.tw
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
Rev.1, 1-Mar-2017
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
25
50
75
100
125
150
Case Temperature (°C)
Figure 1. Forward Current Derating Curve
HTR30I45CT
HTRF30I45CT
HTRB3045CT
0.01
0.1
1
10
100
0
0.2
0.4
0.6
Instantaneous Forward Voltage (V)
Figure 3. Typical Instantaneous Forward
Characteristics Per Leg
Tj=25°C
Tj=125°C
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
Figure 4. Typical Reverse Characteristics
Tj=25°C
Tj=125°C
100
1,000
10,000
0.1
1
10
100
Reverse Voltage (V)
Figure 5. Typical Junction Capacitance
Figure 2. Maximum NON-Repetitive Surge
0
50
100
150
200
250
1
10
100
Number of Cycles at 60Hz
PULSE WIDTH 8.3 ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
0
1
2
3
4
5
6
7
8
0
5
10
15
Average Forward Current(A)
Figure 6. Forward Power Loss Characteristics
d=0.1
d=0.2
d=0.3
d=0.5
d=0.8
d=1.0
Tj=150°C
Tj=150°C
10
100
0.001
0.01
0.1
1


Similar Part No. - HTRI30I45CT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HTR-400 AMPHENOL-HTR-400 Datasheet
63Kb / 4P
   Operates on standard line voltage
logo
LEM
HTR100-SB LEM-HTR100-SB Datasheet
458Kb / 3P
   Current Transducer
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
logo
LEM
HTR200-SB LEM-HTR200-SB Datasheet
458Kb / 3P
   Current Transducer
More results

Similar Description - HTRI30I45CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com