Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTRI10150CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HTRI10150CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HTRI10150CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HTRI10150CT Datasheet HTML 1Page - HY ELECTRONIC CORP. HTRI10150CT Datasheet HTML 2Page - HY ELECTRONIC CORP. HTRI10150CT Datasheet HTML 3Page - HY ELECTRONIC CORP. HTRI10150CT Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HY ELECTRONIC (CAYMAN) LIMITED
www.hygroup.com.tw
Low VF=0.54V at IF=2.5A
150
10
ChipSize
67
TO-220AB
ITO-220AB
FEATURES
Trench Schottky Technology
HALOGEN
Low power loss, high efficiency
FREE
High current capability, low VF
High surge capacity
RoHS
COMPLIANT
HTR10150CT
HTRF10150CT
TO-263AB
TO-262AA
converter,and polarity protection applications
MECHANICAL DATA
Case: TO-220AB / ITO-220AB / TO-262AA / TO-263AB
Polarity: As marked on the body
●Weight: 0.08ounces,2.24 grams
Mounting position :Any
HTRB10150CT
HTRI10150CT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current ( See Fig.1)
Maximum Average Forward Rectified Current ( Per Leg )
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
PARAMETER / CONDITIONS
SYMBOL
UNIT
Breakdown voltage per diode
VBR
V
Forward Voltage (Note1)
IF=2.5A @TJ=25℃
IF=2.5A @TJ=125℃
IF=5A @TJ=25℃
IF=5A @TJ=125℃
Maximum DC Reverse Current
@TJ=25℃
uA
at Rated DC Bolcking Voltage
@TJ=125℃
mA
Typical Junction Capacitance (Note2)
CJ
pF
HTR10150CT
HTRB10150CT
Thermal Resistance Per Diode (Note3)
RθJC
3.0
3.5
℃/W
106
13
Typ
0.73
150
CHARACTERISTICS
SYMBOL
150 (minimun)
10
VF
50
UNIT
150
A
3.Thermal resistance junction to case.
0.65
Typ
0.54
0.94
0.61
PARAMETER
HTRF10150CT
5.5
3.5
SYMBOL
Rev.1, 1-Mar-2017
323
-55 to +150
-55 to +175
NOTES:1.300us pulse width,2% duty cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 5.0V DC.
0.58
1.04
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
V
A
HTRI10150CT
classification 94V-0
-
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
I(AV)
IFSM
80
UNIT
0.68
Plastic package has
UL flammability
wheeling,switching power supplies, DC-DC
HTR10150CT,
HTRI10150CT, HTRB10150CT
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
For use in low voltage,high frequency inverters,free
Max
Pb
5
HTRF10150CT
IR
HTR10150CT, HTRF10150CT, HTRI10150CT, HTRB10150CT
REVERSE VOLTAGE
Volts
FORWARD CURRENT
Amperes
SCHOTTKY BARRIER RECTIFIERS
Metal of silicon rectifier , majority carrier conduction


Similar Part No. - HTRI10150CT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HTR-400 AMPHENOL-HTR-400 Datasheet
63Kb / 4P
   Operates on standard line voltage
logo
LEM
HTR100-SB LEM-HTR100-SB Datasheet
458Kb / 3P
   Current Transducer
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
logo
LEM
HTR200-SB LEM-HTR200-SB Datasheet
458Kb / 3P
   Current Transducer
More results

Similar Description - HTRI10150CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com