Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSA1-S12-S15-S Datasheet(PDF) 3 Page - CUI INC

Part # PCSA1-S12-S15-S
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCSA1-S12-S15-S Datasheet(HTML) 3 Page - CUI INC

  PCSA1-S12-S15-S Datasheet HTML 1Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 2Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 3Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 4Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 5Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 6Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 7Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
date 07/26/2016
│ page 3 of 8
CUI Inc
│ SERIES: PCSA1-S │ DESCRIPTION: DC-DC CONVERTER
12
34
0.46 [11.6]
0.08 [2.0]
0.02 [0.5]
0.13 [3.2]
0.300 [7.62]
0.100 [2.54]
0.020 [0.50]
12
34
0.46 [11.6]
0.08 [2.0]
0.02 [0.5]
0.13 [3.2]
0.300 [7.62]
0.100 [2.54]
0.020 [0.50]
12
34
0.08 [2.0]
0.46 [11.6]
0.8mm PLATED THROUGH HOLE
1.5mm PAD SIZE
12
34
0.08 [2.0]
0.46 [11.6]
0.8mm PLATED THROUGH HOLE
1.5mm PAD SIZE
Recommended PCB Layout
Top View
Recommended PCB Layout
Top View
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
Time (Seconds)
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
units: inches [mm]
tolerance: X.XX ±0.01 [±0.25]
pin section tolerance: ±0.002[±0.05]
PIN CONNECTIONS
PIN
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5,12 Vdc input models: 0.46 x 0.24 x 0.40 [11.6 x 6.0 x 10.2 mm]
24 Vdc input models: 0.46 x 0.30 x 0.40 [11.6 x 7.5 x 10.2 mm]
inches
inches
case material
non-conductive black plastic
weight
5, 12 Vdc input models
24 Vdc input models
1.3
1.7
g
g
MECHANICAL DRAWING
5, 12 Vdc input models
24 Vdc input models
For more information, please visit the product page.


Similar Part No. - PCSA1-S12-S15-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
816Kb / 8P
   DC-DC CONVERTER
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
2Mb / 8P
   DC-DC CONVERTER
06/29/2021
More results

Similar Description - PCSA1-S12-S15-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com