Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-XXLS Datasheet(PDF) 2 Page - CUI INC

Part # SD-XXLS
Description  STANDARD DIN CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-XXLS Datasheet(HTML) 2 Page - CUI INC

  SD-XXLS Datasheet HTML 1Page - CUI INC SD-XXLS Datasheet HTML 2Page - CUI INC SD-XXLS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date 11/24/2015 page 2 of 3
SERIES: SD-XXLS
STANDARD DIN CONNECTOR
DESCRIPTION:
CUI Inc
0.717
18.2
0.1
0.1
17.00.669
Panel Cutout
0.70 0.028
7.00.276
45°
3
1
4
2
5
67
8
2.4
11.80.465
0.094
20.10.791
7.0 0.276
1
2
3
2.4
11.8 0.465
0.094
20.10.791
7.00.276
72°
2
14
3
2.4
0.465
11.8
0.094
20.10.791
7.00.276
45°
3
4
2
1
5
2.4
11.80.465
0.094
20.10.791
7.0 0.276
60°
5
2
6
3
1
4
2.4
11.8 0.465
0.094
20.10.791
7.00.276
45°
7
1
4
2
5
6
3
2.4
11.80.465
0.094
20.10.791
M16
M18
13.2 0.520
0.059
1.5
0.130
3.3
20.0 0.787
2.00.079
(TYP)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
SD-30LS
SD-60LS
SD-40LS
SD-70LS
SD-50LS
SD-80LS
MATERIAL
PLATING
contact terminals
brass
tin
hex nut
zinc
nickel
cover
zinc
nickel
housing
nylon
For more information, please visit the product page.


Similar Part No. - SD-XXLS

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
More results

Similar Description - SD-XXLS

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com