Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF05T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMF05T2G
Description  Quad Array for ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF05T2G Datasheet(HTML) 2 Page - ON Semiconductor

  SMF05T2G Datasheet HTML 1Page - ON Semiconductor SMF05T2G Datasheet HTML 2Page - ON Semiconductor SMF05T2G Datasheet HTML 3Page - ON Semiconductor SMF05T2G Datasheet HTML 4Page - ON Semiconductor SMF05T2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMF05T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS
Device
Breakdown
Voltage
VBR @ 1 mA
(V)
Leakage
Current
IR @ VRWM =
5 V (mA)
Capacitance
@ 0 V Bias
(pF)
Max VF @
IF = 200 mA
(V)
Max Clamping
Voltage (VC)
@ IPP (Note 2)
Max Clamping
Voltage (VC)
@ IPP (Note 2)
VC
Min
Max
Max
Max
IPP (A) VC (V) IPP (A) VC (V)
Per IEC61000−4−2
(Note 3)
SMF05
6.0
7.2
5.0
90
1.25
1.0
9.5
12
12.5
Figures 1 and 2
See Below
2. Non−repetitive current per Figure 5. Derate per Figure 6.
3. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000−4−2


Similar Part No. - SMF05T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05T2G ONSEMI-SMF05T2G Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
More results

Similar Description - SMF05T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
   Quad Array for ESD Protection
February, 2006 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
   Quad Array for ESD Protection
June, 2005 ??Rev. 1
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
   Quad Array for ESD Protection
February, 2012 ??Rev. 7
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
   QUAD ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
   Quad Array for ESD Protection
October, 2012 ??Rev. 2
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
   Quad Array for ESD Protection
November, 2003 ??Rev. 3
logo
Leshan Radio Company
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1 Datasheet
43Kb / 4P
   Quad Array for ESD Protection
May, 2001 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com