Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF05T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMF05T2G
Description  Quad Array for ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF05T2G Datasheet(HTML) 4 Page - ON Semiconductor

  SMF05T2G Datasheet HTML 1Page - ON Semiconductor SMF05T2G Datasheet HTML 2Page - ON Semiconductor SMF05T2G Datasheet HTML 3Page - ON Semiconductor SMF05T2G Datasheet HTML 4Page - ON Semiconductor SMF05T2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMF05T1
http://onsemi.com
4
Figure 6. Pulse Derating Curve
Figure 7. Capacitance
Figure 8. Forward Voltage
Figure 9. Clamping Voltage versus Peak
Pulse Current (Reverse Direction)
0.6
0.7
0.8
0.9
0.001
0.01
1.0
VF, FORWARD VOLTAGE (VOLTS)
100
90
80
70
60
50
40
30
20
10
0
0
1.0
3.0
5.0
BIAS VOLTAGE (VOLTS)
100
10
1.0
0
5.0
10
20
30
VC, CLAMPING VOLTAGE (VOLTS)
25
4.0
2.0
1.0
1.1
1.2
0.1
15
2.5 ms SQUARE WAVE
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 10. Clamping Voltage versus Peak
Pulse Current (Forward Direction)
100
10
0.1
0
2.0
4.0
8.0
12
VC, FORWARD CLAMPING VOLTAGE (VOLTS)
10
6.0
2.5 ms SQUARE WAVE
1.0
Figure 11. Pulse Width
100
10
1
1
10
100
1000
t, TIME (
ms)
1000
NOTE: Non−Repetitive Surge.


Similar Part No. - SMF05T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05T2G ONSEMI-SMF05T2G Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
More results

Similar Description - SMF05T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
   Quad Array for ESD Protection
February, 2006 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
   Quad Array for ESD Protection
June, 2005 ??Rev. 1
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
   Quad Array for ESD Protection
February, 2012 ??Rev. 7
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
   QUAD ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
   Quad Array for ESD Protection
October, 2012 ??Rev. 2
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
   Quad Array for ESD Protection
November, 2003 ??Rev. 3
logo
Leshan Radio Company
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1 Datasheet
43Kb / 4P
   Quad Array for ESD Protection
May, 2001 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com