Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS24CT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMS24CT1G
Description  5-Line Transient Voltage Suppressor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS24CT1G Datasheet(HTML) 2 Page - ON Semiconductor

  SMS24CT1G Datasheet HTML 1Page - ON Semiconductor SMS24CT1G Datasheet HTML 2Page - ON Semiconductor SMS24CT1G Datasheet HTML 3Page - ON Semiconductor SMS24CT1G Datasheet HTML 4Page - ON Semiconductor SMS24CT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMS05C, SMS12C, SMS15C, SMS24C
http://onsemi.com
2
SMS05C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
6.2
7.2
V
Reverse Leakage Current
IR
VRWM = 5.0 V
5.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
9.8
V
Clamping Voltage
VC
IPP = 24 A (8
20 ms Waveform)
14.5
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
24
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
260
400
pF
SMS12C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
12
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
13.3
15
V
Reverse Leakage Current
IR
VRWM = 12 V
0.001
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
19
V
Clamping Voltage
VC
IPP = 15 A (8
20 ms Waveform)
23
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
15
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
120
150
pF
SMS15C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified) (See Note 4)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
15
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
17
19
V
Reverse Leakage Current
IR
VRWM = 15 V
0.05
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
24
V
Clamping Voltage
VC
IPP = 12 A (8
20 ms Waveform)
29
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
12
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
95
125
pF
SMS24C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
24
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
26.7
32
V
Reverse Leakage Current
IR
VRWM = 24 V
0.001
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
40
V
Clamping Voltage
VC
IPP = 8 A (8
20 ms Waveform)
44
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
8.0
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
60
75
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Parametrics are the same for the Pb−Free packages, which are suffixed with a “G’’.


Similar Part No. - SMS24CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS24CT1G ONSEMI-SMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMS24CT1G ONSEMI-SMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
More results

Similar Description - SMS24CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
   5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
   5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SESMF05C WILLAS-SESMF05C Datasheet
293Kb / 4P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
NUP5150MU ONSEMI-NUP5150MU Datasheet
89Kb / 4P
   5-Line Transient Voltage Suppressor Array
September, 2007 - Rev. 0
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
   4-Line Transient Voltage Suppressor Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com