Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZSD12T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SZSD12T1G
Description  Transient Voltage Suppressor Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZSD12T1G Datasheet(HTML) 1 Page - ON Semiconductor

  SZSD12T1G Datasheet HTML 1Page - ON Semiconductor SZSD12T1G Datasheet HTML 2Page - ON Semiconductor SZSD12T1G Datasheet HTML 3Page - ON Semiconductor SZSD12T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 4
1
Publication Order Number:
SD05T1/D
SD05T1Series,
SZSD05T1Series
Transient Voltage
Suppressor Diode
SOD−323 Diodes for ESD Protection
These TVS diodes are designed for applications requiring transient
overvoltage protection capability. They are intended for use in voltage
and ESD sensitive equipment such as computers, printers, business
machines, communication systems, medical equipment and other
applications. These devices are ideal for situations where board space is
at a premium.
Specification Features:
Steady State Power Routing of 300 mW
Peak Power − 350 W (8 20 ms)
Low Leakage
Cathode Indicated by Polarity Band
Package Weight: 4.507 mg/wmt
Meets IEC61000−4−2 Level 4, 15 kV (Air), 8 kV (Contact)
Meets IEC6100−4−4 Level 4, 40 A
Meets IEC6100−4−5 (Lightning), 24 A
Meets 16 kV Human Body Model ESD Requirements
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
xx = Specific Device Code
ZA = SD05T1
ZC = SD12T1
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx M
G
G
SD05T1G
SOD−323
(Pb−Free)
3000/Tape & Reel
SZSD05T1G
SD12T1G
SZSD12T1G


Similar Part No. - SZSD12T1G

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
   Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
   The tools feature ergonomic two-component safety handles
logo
ON Semiconductor
SZSL05T1G ONSEMI-SZSL05T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
SZSL12T1G ONSEMI-SZSL12T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
SZSL15T1G ONSEMI-SZSL15T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
More results

Similar Description - SZSD12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com