Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ2-2564C-SMT Datasheet(PDF) 1 Page - CUI INC

Part # SJ2-2564C-SMT
Description  AUDIO JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-2564C-SMT Datasheet(HTML) 1 Page - CUI INC

  SJ2-2564C-SMT Datasheet HTML 1Page - CUI INC SJ2-2564C-SMT Datasheet HTML 2Page - CUI INC SJ2-2564C-SMT Datasheet HTML 3Page - CUI INC SJ2-2564C-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/02/2016
page 1 of 4
cui.com
SERIES: SJ2-256X-SMT
│ DESCRIPTION: AUDIO JACK
FEATURES
• ring switch
• low profile design
• reflow solder compatible
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
Switch Options:
C = ring switch
SJ2-256 X X - SMT-TR
# Conductors:
3 = 3
4 = 4
Package Style:
SMT = surface mount
Packaging:
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - SJ2-2564C-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-2503A-SMT-TR CUI-SJ2-2503A-SMT-TR Datasheet
477Kb / 4P
   reflow solder compatible
SJ2-2504D-SMT-TR CUI-SJ2-2504D-SMT-TR Datasheet
593Kb / 4P
   gold flash terminal plating
logo
CUI Devices
SJ2-25102A-SMT-TR CUID-SJ2-25102A-SMT-TR Datasheet
552Kb / 4P
   AUDIO JACK
06/15/2023
SJ2-25102B-SMT-TR CUID-SJ2-25102B-SMT-TR Datasheet
552Kb / 4P
   AUDIO JACK
06/15/2023
SJ2-25103A-SMT-TR CUID-SJ2-25103A-SMT-TR Datasheet
552Kb / 4P
   AUDIO JACK
06/15/2023
More results

Similar Description - SJ2-2564C-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-251X-SMT CUI-SJ1-251X-SMT_18 Datasheet
576Kb / 4P
   AUDIO JACK
SJ1-351X-SMT CUI-SJ1-351X-SMT_18 Datasheet
564Kb / 4P
   AUDIO JACK
logo
CUI Devices
MJ-2508 CUID-MJ-2508 Datasheet
468Kb / 3P
   AUDIO JACK
04/12/2023
MJ-3502N CUID-MJ-3502N Datasheet
332Kb / 3P
   AUDIO JACK
04/01/2020
MJ-63022A CUID-MJ-63022A Datasheet
416Kb / 3P
   AUDIO JACK
08/17/2022
logo
CUI INC
SJ2-252X-SMT CUI-SJ2-252X-SMT Datasheet
714Kb / 4P
   AUDIO JACK
MJ-2523-SMT-TR CUI-MJ-2523-SMT-TR Datasheet
384Kb / 4P
   AUDIO JACK
MJ1-2503A CUI-MJ1-2503A Datasheet
285Kb / 3P
   AUDIO JACK
SJ-3553A-SMT-TR-67 CUI-SJ-3553A-SMT-TR-67 Datasheet
621Kb / 5P
   AUDIO JACK
logo
CUI Devices
MJ-3536 CUID-MJ-3536 Datasheet
463Kb / 3P
   AUDIO JACK
03/06/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com