Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2224DB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2224DB
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2224DB Datasheet(HTML) 3 Page - Texas Instruments

  TPS2224DB Datasheet HTML 1Page - Texas Instruments TPS2224DB Datasheet HTML 2Page - Texas Instruments TPS2224DB Datasheet HTML 3Page - Texas Instruments TPS2224DB Datasheet HTML 4Page - Texas Instruments TPS2224DB Datasheet HTML 5Page - Texas Instruments TPS2224DB Datasheet HTML 6Page - Texas Instruments TPS2224DB Datasheet HTML 7Page - Texas Instruments TPS2224DB Datasheet HTML 8Page - Texas Instruments TPS2224DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TPS2223
TPS2224
TPS2226
3.3V
13, 14
13, 14
15, 16, 17
I
3.3-V input for card power and chip power
5V
1, 2, 24
1, 2, 24
1, 2, 30
I
5-V input for card power
12V
NA
7, 20
7, 24
I
12-V input for card power (xVPP). The two 12-V pins must be externally connected.
AVCC
9, 10
9, 10
9, 10, 11
O
Switched output that delivers 3.3 V, 5 V, ground or high impedance to card
AVPP
8
8
8
O
Switched output that delivers 3.3 V, 5 V, 12 V, ground or high impedance to card
(12 V not applicable to TPS2223)
BVCC
17, 18
17, 18
20, 21, 22
O
Switched output that delivers 3.3 V, 5 V, ground or high impedance to card
BVPP
19
19
23
O
Switched output that delivers 3.3 V, 5 V, 12 V, ground or high impedance to card
(12 V not applicable for TPS2223)
GND
11
11
12
Ground
OC
15
15
18
O
Open-drain overcurrent reporting output that goes low when an overcurrent
condition exists. An external pullup is required.
SHDN
21
21
25
I
Hi-Z (open) all switches. Identical function to serial D8. Asynchronous active-low
command, internal pullup
RESET
12
12
14
I
Logic-level RESET input active low. Asynchronous active-low command, internal
pullup
CLOCK
4
4
4
I
Logic-level clock for serial data word
DATA
3
3
3
I
Logic-level serial data word
LATCH
5
5
5
I
Logic-level latch for serial data word, internal pulldown
NC
6, 7, 16,
20, 22, 23
6, 16,
22, 23
6, 13, 19,
26 – 29
No internal connection


Similar Part No. - TPS2224DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2224DB TI1-TPS2224DB Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2224DBG4 TI1-TPS2224DBG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2224DBR TI1-TPS2224DBR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2224DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com