Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2226DB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2226DB
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2226DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2226DB Datasheet HTML 3Page - Texas Instruments TPS2226DB Datasheet HTML 4Page - Texas Instruments TPS2226DB Datasheet HTML 5Page - Texas Instruments TPS2226DB Datasheet HTML 6Page - Texas Instruments TPS2226DB Datasheet HTML 7Page - Texas Instruments TPS2226DB Datasheet HTML 8Page - Texas Instruments TPS2226DB Datasheet HTML 9Page - Texas Instruments TPS2226DB Datasheet HTML 10Page - Texas Instruments TPS2226DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C, VI(3.3V) = 3.3 V, VI(5V) = 5 V, VI(12) = 12 V (not applicable
for TPS2223) all outputs unloaded (unless otherwise noted)
PARAMETER†
LOAD CONDITION
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V
0.9
t
Output rise times (see Note 1)
L(xVPP)
µ ,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V
0.26
ms
tr
Output rise times (see Note 1)
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
1.1
ms
L(xVPP)
µ ,
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
VO(xVPP) = 12 V
0.6
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V,
Discharge switches ON
0.5
tf
Output fall times (see Note 1)
L(xVPP)
µ ,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V,
Discharge switches ON
0.2
ms
tf
Out ut fall times (see Note 1)
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
2.35
ms
L(xVPP)
µ ,
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
VO(xVPP) = 12 V
3.9
Latch
↑ to xVPP (12 V)§
tpdon
2
Latch
↑ to xVPP (12 V)§
tpdoff
0.62
Latch
↑ to xVPP (5 V)
tpdon
0.77
CL(xVCC)=0 1 µF
Latch
↑ to xVPP (5 V)
tpdoff
0.51
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
Latch
↑ to xVPP (3 3 V)
tpdon
0.75
ms
L(xVPP)
µ ,
IO(xVCC) = 0 A,
I0 A
Latch
↑ to xVPP (3.3 V)
tpdoff
0.52
ms
IO(xVPP) = 0 A
Latch
↑ to xVCC (5 V)
tpdon
0.3
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3 3V)
tpdon
0.3
t d
Propagation delay (see Note 1)
Latch
↑ to xVCC (3.3V)
tpdoff
2.8
tpd
Propagation delay (see Note 1)
Latch
↑ to xVPP (12 V)§
tpdon
2.2
Latch
↑ to xVPP (12 V)§
tpdoff
0.8
Latch
↑ to xVPP (5 V)
tpdon
0.8
CL(xVCC)= 150 µF
Latch
↑ to xVPP (5 V)
tpdoff
0.6
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
Latch
↑ to xVPP (3 3 V)
tpdon
0.8
ms
L(xVPP)
µ ,
IO(xVCC) = 0.75 A,
I50
A
Latch
↑ to xVPP (3.3 V)
tpdoff
0.6
ms
IO(xVPP) = 50 mA
Latch
↑ to xVCC (5 V)
tpdon
0.6
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3 3V)
tpdon
0.5
Latch
↑ to xVCC (3.3V)
tpdoff
2.6
† Refer to Parameter Measurement Information in Figure 1.
‡ No card inserted, assumes a 0.1-
µF output capacitor (see Figure 1).
§ Not applicable for TPS2223
NOTE 1: Specified by design; not tested in production.


Similar Part No. - TPS2226DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2226DB TI1-TPS2226DB Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226DBG4 TI1-TPS2226DBG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226DBR TI1-TPS2226DBR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2226DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com