Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8308500 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS8308500
Description  ADC 8-bit 500 Msps
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8308500 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS8308500 Datasheet HTML 5Page - ATMEL Corporation TS8308500 Datasheet HTML 6Page - ATMEL Corporation TS8308500 Datasheet HTML 7Page - ATMEL Corporation TS8308500 Datasheet HTML 8Page - ATMEL Corporation TS8308500 Datasheet HTML 9Page - ATMEL Corporation TS8308500 Datasheet HTML 10Page - ATMEL Corporation TS8308500 Datasheet HTML 11Page - ATMEL Corporation TS8308500 Datasheet HTML 12Page - ATMEL Corporation TS8308500 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
TS8308500
2193A–BDC–04/03
Timing Diagrams
Figure 2. TS8308500 Timing Diagram (500 Msps Clock Rate), Data Ready Reset, Clock Held at LOW Level
Figure 3. TS8308500 Timing Diagram (500 Msps Clock Rate), Data Ready Reset, Clock Held at HIGH Level
TC1
TC2
TA = 250 ps
X
X
N+1
X
N+2
X
N+3
N
DIGITAL
OUTPUTS
(VIN, VINB)
Data Ready
(DR, DRB)
(CLK, CLKB)
X
N+5
N-4
N-3
N
N-2
N-1
TC = 1000 ps
X
X
N+4
TOD = 1360 ps
1360 ps
DRRB
1 ns (min)
TDR = 1320 ps
TPD: 4.0 Clock periods
1000 ps
TRDR = 720 ps
N-1
TD2 = TC2+TOD-TDR
= TC2+40 ps = 540 ps
TDR = 1320 ps
DATA
DATA
DATA
DATA
DATA
DATA
DATA
N-5
N+1
TD1 = TC1+TDR-TOD
= TC1-40 ps = 460 ps
TC1
TC2
TA = 250 ps
N+1
N+2
N+3
N
DIGITAL
OUTPUTS
(VIN, VINB)
Data Ready
(DR, DRB)
(CLK, CLKB)
N+5
N-4
N-3
N
N-1
N-2
TC = 1000 ps
N+4
TOD = 1360 ps
1360 ps
DRRB
1 ns (min)
TDR = 1320 ps
TPD: 4.0 Clock periods
TRDR = 720 ps
N-1
TD2 = TC2+TOD-TD
= TC2+40 ps = 540
TDR = 1320 ps
DATA
DATA
DATA
DATA
DATA
DATA
DATA
N-5
N+1
1000 ps
X
X
X
X
X
X
X
TD1 = TC1+TDR-TOD
= TC1-40 ps = 460 ps


Similar Part No. - TS8308500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS8308500

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Cadeka Microcircuits LL...
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com