Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12070 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12070
Description  Emily series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12070 Datasheet(HTML) 1 Page - Cree, Inc

  CA12070 Datasheet HTML 1Page - Cree, Inc CA12070 Datasheet HTML 2Page - Cree, Inc CA12070 Datasheet HTML 3Page - Cree, Inc CA12070 Datasheet HTML 4Page - Cree, Inc CA12070 Datasheet HTML 5Page - Cree, Inc CA12070 Datasheet HTML 6Page - Cree, Inc CA12070 Datasheet HTML 7Page - Cree, Inc CA12070 Datasheet HTML 8Page - Cree, Inc CA12070 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Emily series
last update 7/7/2016
DETAILS
Product Number
CA12070_EMILY-M2
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
15 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
7/07/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
28 deg
M2-class
92 %
-
-
XM-L HVW
sim: 30
M2-class
88 %
-
-
XM-L2
29 deg
M2-class
90 %
3.800
-
XP-L HI
27 deg
M2-class
89 %
4.100
-
NS9x383
26 deg
M2-class
89 %
3.400
-
June 13th 2017 7:48 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12070

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12070 LEDIL-CA12070 Datasheet
2Mb / 6P
   ~30째 medium beam
More results

Similar Description - CA12070

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
logo
Ledil, Inc.
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
   Emily Assembly
logo
Cree, Inc
CA11391 CREE-CA11391 Datasheet
499Kb / 7P
   Emily series
CA11934 CREE-CA11934 Datasheet
1Mb / 31P
   Emily series
CA12062 CREE-CA12062 Datasheet
2Mb / 35P
   Emily series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com