Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8308500VGL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS8308500VGL
Description  ADC 8-bit 500 Msps
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8308500VGL Datasheet(HTML) 5 Page - ATMEL Corporation

  TS8308500VGL Datasheet HTML 1Page - ATMEL Corporation TS8308500VGL Datasheet HTML 2Page - ATMEL Corporation TS8308500VGL Datasheet HTML 3Page - ATMEL Corporation TS8308500VGL Datasheet HTML 4Page - ATMEL Corporation TS8308500VGL Datasheet HTML 5Page - ATMEL Corporation TS8308500VGL Datasheet HTML 6Page - ATMEL Corporation TS8308500VGL Datasheet HTML 7Page - ATMEL Corporation TS8308500VGL Datasheet HTML 8Page - ATMEL Corporation TS8308500VGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TS8308500
2193A–BDC–04/03
Clock input power level
4
-2
4
10
dBm
Clock input capacitance
C
CLK
4–
3
3.5
pF
Digital Outputs
Single-ended or differential input mode, 50% clock duty cycle (CLK, CLKB), binary output data format,
Tj (typical) = 70
°C. Full temperature range: 0°C < Tc; Tj < +90°C or -40°C < Tc ; Tj < 110°C
(1)(6)
Logic compatibility for digital outputs
(Depending on the value of V
PLUSD)
(14)
––
ECL or LVDS
Differential output voltage swings
(assuming V
PLUSD = 0V):
–4
75
Ω open transmission lines (ECL levels)
1.5
1.620
V
75
Ω differentially terminated
0.70
0.825
V
50
Ω differentially terminated
0.54
0.660
V
Output levels (assuming V
PLUSD = 0V)
75
Ω open transmission lines:
–4
(6)
Logic 0 voltage
V
OL
––
-1.62
-1.54
V
Logic 1 voltage
VOH
–-0.88
-0.8
V
Output levels (assuming V
PLUSD = 0V)
75
Ω differentially terminated:
–4
(6)
Logic 0 voltage
V
OL
––
-1.41
-1.34
V
Logic 1 voltage
V
OH
–-1.07
-1
V
Output levels (assuming VPLUSD = 0V)
50
Ω differentially terminated:
––
(6)
Logic 0 voltage
VOL
1, 2
-1.40
-1.32
V
Logic 1 voltage
V
OH
1, 2
-1.16
-1.10
V
Differential Output Swing
DOS
4
270
300
mV
Output level drift with temperature
4
1.6
mV/
°C
DC Accuracy
Single-ended or differential input mode, 50% clock duty cycle (CLK, CLKB), Binary output data format
Tj (typical) = 70
°C
Differential non linearity
DNL-
1
-0.6
-0.4
lsb/V
(2)(3)
Differential non linearity
DNL+
1
0.4
0.6
lsb/V
Integral non linearity
INL-
1
-1.2
-0.7
lsb/V
(2)(3)
Integral non linearity
INL+
1
0.7
1.2
lsb/V
No missing codes
Guaranteed over specified temperature range
(3)
Gain
1, 2
90
98
110
%/V
Input offset voltage
1, 2
-26
-5
26
mV/V
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max


Similar Part No. - TS8308500VGL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS8308500VGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Cadeka Microcircuits LL...
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com