Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8388BCFS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 3Page - ATMEL Corporation TS8388BCFS Datasheet HTML 4Page - ATMEL Corporation TS8388BCFS Datasheet HTML 5Page - ATMEL Corporation TS8388BCFS Datasheet HTML 6Page - ATMEL Corporation TS8388BCFS Datasheet HTML 7Page - ATMEL Corporation TS8388BCFS Datasheet HTML 8Page - ATMEL Corporation TS8388BCFS Datasheet HTML 9Page - ATMEL Corporation TS8388BCFS Datasheet HTML 10Page - ATMEL Corporation TS8388BCFS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
TS8388B
2144C–BDC–04/03
Gain error drift
Offset error drift
4
4
100
40
125
50
150
60
ppm/
°C
ppm/
°C
DC Accuracy (CQFP68 package)
Single-ended or differential input mode, 50% clock duty cycle (CLK, CLKB), Binary output data format
Tj (typical) = 70
°C.
Differential non linearity
DNL-
1, 2
6
-0.5
-0.6
-0.25
-0.35
lsb
lsb
(2)(3)
Differential non linearity
DNL+
1, 2
6
0.3
0.4
0.6
0.7
lsb
lsb
Integral non linearity
INL-
1, 2
6
-1.0
-1.2
0.7
0.9
lsb
lsb
(2)(3)
Integral non linearity
INL+
1, 2
6
0.7
0.9
1.0
1.2
lsb
lsb
No missing code
Guaranteed over specified temperature range
(3)
Gain error
1, 2
6
-10
-11
-2
-2
10
11
% FS
% F
S
Input offset voltage
1, 2
6
-26
-30
-5
-5
26
30
mV
mV
Gain error drift
Offset error drift
4
4
100
40
125
50
150
60
ppm/
°C
ppm/
°C
Transient Performance
Bit Error Rate
FS = 1 GSPS FIN = 62.5 MHz
BER
4
1E-12
Error/
sample
(2)(4)
ADC settling time
VIN -VINB = 400 mVpp
TS
4
0.5
1
ns
(2)
Overvoltage recovery time
TOR
4
0.5
1
ns
(2)
AC Performance
Single-ended or differential input and clock mode, 50% clock duty cycle (CLK, CLKB), Binary output data format,
Tj = 70
°C, unless otherwise specified.
Signal to Noise and Distortion ratio
SINAD
–––
(2)
F
S = 1 GSPS, FIN = 20 MHz
4
42
44
dB
FS = 1 GSPS, FIN = 500 MHz
4
41
43
dB
F
S = 1 GSPS, FIN = 1000 MHz (-1 dBFs)
4
38
40
dB
F
S = 50 MSPS, FIN = 25 MHz
1, 2, 6
40
44
dB
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max


Similar Part No. - TS8388BCFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500CGL ATMEL-TS8308500CGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500VGL ATMEL-TS8308500VGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS8388BCFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com