Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8388BMFS9NB2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TS8388BMFS9NB2
Description  ADC 8-bit 1 GSPS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BMFS9NB2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TS8388BMFS9NB2 Datasheet HTML 2Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 3Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 4Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 5Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 6Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 7Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 8Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 9Page - ATMEL Corporation TS8388BMFS9NB2 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
TS8388B
2144C–BDC–04/03
Digital Outputs
Single-ended or differential input mode, 50% clock duty cycle (CLK, CLKB), Binary output data format,
Tj (typical) = 70
°C.
(1)(6)
Logic compatibility for digital outputs
(Depending on the value of VPLUSD)
(See Application Notes)
ECL or LVDS
Differential output voltage swings
(assuming VPLUSD = 0V):
4
–––
75
Ω open transmission lines (ECL levels)
1.5
1.620
V
75
Ω differentially terminated
0.70
0.825
V
50
Ω differentially terminated
0.54
0.660
V
Output levels (assuming VPLUSD = 0V)
75
Ω open transmission lines:
4
–––
(6)
Logic “0” voltage
VOL
-1.62
-1.54
V
Logic “1” voltage
V
OH
–-0.88
-0.8
V
Output levels (assuming VPLUSD = 0V)
75
Ω differentially terminated:
4
–––
(6)
Logic “0” voltage
VOL
-1.41
-1.34
V
Logic “1” voltage
V
OH
–-1.07
-1
V
Output levels (assuming V
PLUSD = 0V)
50
Ω differentially terminated:
–––
(6)
Logic “0” voltage
V
OL
1, 2
6
-1.40
-1.40
-1.32
-1.25
V
V
Logic “1” voltage
V
OH
1, 2
6
-1.16
-1.25
-1.10
-1.10
V
V
Differential Output Swing
DOS
4
270
300
mV
Output level drift with temperature
4
1.6
mV/
°C
DC Accuracy (CBGA68 package)
Single-ended or differential input mode, 50% clock duty cycle (CLK, CLKB), Binary output data format
Tj (typical) = 70
°C.
Differential non linearity
DNL-
1
-0.6
-0.4
lsb
(2)(3)
Differential non linearity
DNL+
1
0.4
0.6
lsb
Integral non linearity
INL-
1
-1.2
-0.7
lsb
(2)(3)
Integral non linearity
INL+
1
0.7
1.2
lsb
No missing codes
Guaranteed over specified temperature range
(3)
Gain
1, 2
90
98
110
%
Input offset voltage
1, 2
-26
-5
26
mV
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max


Similar Part No. - TS8388BMFS9NB2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500CGL ATMEL-TS8308500CGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500VGL ATMEL-TS8308500VGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS8388BMFS9NB2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com