Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1808GKX7RDBN103 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CS1808GKX7RDBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1808GKX7RDBN103 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CS1808GKX7RDBN103 Datasheet HTML 7Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 8Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 9Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 10Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 11Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 12Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 13Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 14Page - YAGEO Corporation CS1808GKX7RDBN103 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
CAP.
1808
1812
1000V
2000V
3000V
50V
100V
250V
500V
630V
1000V
2000V
100 pF
150 pF
220 pF
330 pF
HB
HB
HD
470 pF
HB
HB
HD
680 pF
HB
HB
HD
1.0 nF
HB
HB
HE
1.5 nF
HB
HB
HE
2.2 nF
HB
HD
IA
IA
IA
ID
IE
IE
IE
3.3 nF
HB
IA
IA
IA
ID
IE
IE
IE
4.7 nF
HB
IA
IA
IA
ID
IE
IE
IE
6.8 nF
HD
IA
IA
IA
ID
IE
IE
10 nF
HD
IA
IA
IA
ID
IE
IE
15 nF
IA
IA
IA
ID
IE
IE
22 nF
IA
IA
IA
ID
IE
IE
33 nF
IA
IA
IA
ID
IF
IF
47 nF
IA
IA
ID
ID
68 nF
IA
IA
ID
ID
100 nF
IB
ID
ID
IF
150 nF
IB
ID
ID
220 nF
IB
ID
IF
330 nF
IB
ID
IF
470 nF
IB
IF
IF
680 nF
IF
IF
1000 nF
IF
IF
2.2 µF
Tape width
12 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering
Table 9 X7R / 1808 to 1812
CAPACITANCE RANGE & THICKNESS


Similar Part No. - CS1808GKX7RDBN103

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS181002-CQ CIRRUS-CS181002-CQ Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQ/A1 CIRRUS-CS181002-CQ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQ/A1 CIRRUS-CS181002-CQ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQZ CIRRUS-CS181002-CQZ Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQZ/A1 CIRRUS-CS181002-CQZ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
More results

Similar Description - CS1808GKX7RDBN103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com