Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS0402JKX7RDBN103 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CS0402JKX7RDBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS0402JKX7RDBN103 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CS0402JKX7RDBN103 Datasheet HTML 5Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 6Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 7Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 8Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 9Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 10Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 11Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 12Page - YAGEO Corporation CS0402JKX7RDBN103 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 7 X7R / 0402 to 0805
CAPACITANCE RANGE & THICKNESS
CAP.
0402
0603
0805
16V
25V
50V
100V
16V
25V
50V
100V 250V
16V
25V
50V
100V 250V 500V 630V 1000V
100 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
150 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
220 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
330 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
470 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
680 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
1.0 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
1.5 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
2.2 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
3.3 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
4.7 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
6.8 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EC
EB
EB
10 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EC
EC
EC
15 nF
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EB
EC
22 nF
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EB
EC
33 nF
CA
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
47 nF
CA
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
68 nF
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
100 nF
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
150 nF
DA
DA
DA
EC
EC
EC
220 nF
DA
DA
DA
EC
EC
EC
330 nF
DA
DA
EC
EC
EC
470 nF
DA
DA
EC
EC
EC
680 nF
DA
EC
EC
EC
1000 nF
DA
DB
EC
EC
EC
2.2 µF
EC
4.7 µF
ED
Tape width
8 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering


Similar Part No. - CS0402JKX7RDBN103

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS0402 PREMO-CS0402 Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0402--2R0++ PREMO-CS0402--2R0+ Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0402-100++ PREMO-CS0402-100+ Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0402-101++ PREMO-CS0402-101+ Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0402-110++ PREMO-CS0402-110+ Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
More results

Similar Description - CS0402JKX7RDBN103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com