Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A758KK227M1AAAE014 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A758KK227M1AAAE014
Description  Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 10 VDC@105C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A758KK227M1AAAE014 Datasheet(HTML) 1 Page - Kemet Corporation

  A758KK227M1AAAE014 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/12/2017 - f6c1b243-cab7-43d3-8f5a-a89e2fca5121
KEMET Part Number: A758KK227M1AAAE014
Capacitor, Aluminum, 220 uF, +/-20% Tol, -55/+105C, 10 VDC@105C
Dimensions (mm)
Symbol
Dimension
Tolerance
D
8
+/-0.5
L
8
+/-1
S
3.5
+/-0.5
LLPos
19
MIN
LLNeg
15
MIN
F
0.6
+/-0.5
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
General Information
Supplier: KEMET
Application: 105C Polymer
Part Type Description: Single Ended, Polymer
Aluminum
Lead Type: Wire Leads
RoHS: Yes
Specifications
Capacitance: 220 uF
Voltage: 10 VDC
Tolerance: +/-20%
Voltage: 11.5 VDC (Surge)
Life:
5000 Hrs (+/-20% Initial
Capacitance, 1.5x DF MAX,
Leakage Within Limit)
Rated Temperature: 105C
Temperature Range: -55/+105C
Leakage Current: 330 uA
Leakage Condition: uAmps (2min 20C)
Dissipation Factor: 10%
Impedance Ratio -25C: 1.25
Impedance Ratio -55C: 1.25
Resistance/ESR: 14 mOhms (100kHz 20C)
Current/Ripple Current: 4800 mAmps (100kHz 105C)
© 2006-2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A758KK227M1AAAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KK227M1CAAE014 KEMET-A758KK227M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 16 VDC@105C
A758KK227M1CEAE014 KEMET-A758KK227M1CEAE014 Datasheet
118Kb / 1P
   A758, Polymer Aluminum, 105C LowZ, 220 uF, 20%, 16 V, -55/105C, Lead Spacing = 3.5mm
More results

Similar Description - A758KK227M1AAAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KK227M1CAAE014 KEMET-A758KK227M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 16 VDC@105C
A758KK187M1CAAE014 KEMET-A758KK187M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 180 uF, /-20% Tol, -55/105C, 16 VDC 105C
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016_17 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 4 VDC@105C
A758KK567M0JAAE014 KEMET-A758KK567M0JAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 560 uF, /-20% Tol, -55/105C, 6.3 VDC@105C
A758KK687M0EAAE016 KEMET-A758KK687M0EAAE016 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 2.5 VDC@105C
A758KK128M0EAAE014 KEMET-A758KK128M0EAAE014 Datasheet
61Kb / 1P
   Capacitor, Aluminum, 1200 uF, /-20% Tol, -55/105C, 2.5 VDC@105C
A758KK687M0JAAE014 KEMET-A758KK687M0JAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 6.3 VDC@105C
EXV227M016A9HAA KEMET-EXV227M016A9HAA Datasheet
79Kb / 1P
   EXV, Aluminum Electrolytic, 105C LowZ, 220 uF, 20%, 16 VDC, -55/105C
EXV227M010A9MAA KEMET-EXV227M010A9MAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EXV, 220 uF, 20%, 10 V, -55/105C
A765MU227M1ELAE050 KEMET-A765MU227M1ELAE050_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 220 uF, 20%, 25 V, -55/105C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com