Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A758KK687M0EAAE016 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A758KK687M0EAAE016
Description  Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 2.5 VDC@105C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A758KK687M0EAAE016 Datasheet(HTML) 1 Page - Kemet Corporation

  A758KK687M0EAAE016 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/12/2017 - 241ec1fa-65ed-4bd1-a046-fd6c63dbffdd
KEMET Part Number: A758KK687M0EAAE016
Capacitor, Aluminum, 680 uF, +/-20% Tol, -55/+105C, 2.5 VDC@105C
Dimensions (mm)
Symbol
Dimension
Tolerance
D
8
+/-0.5
L
8
+/-1
S
3.5
+/-0.5
LLPos
19
MIN
LLNeg
15
MIN
F
0.6
+/-0.5
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
General Information
Supplier: KEMET
Application: 105C Polymer
Part Type Description: Single Ended, Polymer
Aluminum
Lead Type: Wire Leads
RoHS: Yes
Specifications
Capacitance: 680 uF
Voltage: 2.5 VDC
Tolerance: +/-20%
Voltage: 2.9 VDC (Surge)
Life:
5000 Hrs (+/-20% Initial
Capacitance, 1.5x DF MAX,
Leakage Within Limit)
Rated Temperature: 105C
Temperature Range: -55/+105C
Leakage Current: 255 uA
Leakage Condition: uAmps (2min 20C)
Dissipation Factor: 10%
Impedance Ratio -25C: 1.25
Impedance Ratio -55C: 1.25
Resistance/ESR: 16 mOhms (100kHz 20C)
Current/Ripple Current: 4100 mAmps (100kHz 105C)
© 2006-2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A758KK687M0EAAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 4 VDC@105C
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016_17 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 4 VDC@105C
A758KK687M0JAAE014 KEMET-A758KK687M0JAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 6.3 VDC@105C
More results

Similar Description - A758KK687M0EAAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016_17 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 4 VDC@105C
A758KK687M0JAAE014 KEMET-A758KK687M0JAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 680 uF, /-20% Tol, -55/105C, 6.3 VDC@105C
A758KK128M0EAAE014 KEMET-A758KK128M0EAAE014 Datasheet
61Kb / 1P
   Capacitor, Aluminum, 1200 uF, /-20% Tol, -55/105C, 2.5 VDC@105C
A758KK187M1CAAE014 KEMET-A758KK187M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 180 uF, /-20% Tol, -55/105C, 16 VDC 105C
A758KK227M1AAAE014 KEMET-A758KK227M1AAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 10 VDC@105C
A758KK567M0JAAE014 KEMET-A758KK567M0JAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 560 uF, /-20% Tol, -55/105C, 6.3 VDC@105C
A758KK227M1CAAE014 KEMET-A758KK227M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 16 VDC@105C
EXV687M6R3A9PAA KEMET-EXV687M6R3A9PAA Datasheet
75Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EXV, 680 uF, 20%, 6.3 V, -55/105C
A765KN158M0ELAE010 KEMET-A765KN158M0ELAE010_17 Datasheet
74Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1500 uF, 20%, 2.5 V, -55/105C
A765KN108M0ELAE012 KEMET-A765KN108M0ELAE012 Datasheet
59Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 1000 uF, 20%, 2.5 V, -55/105C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com