Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L20A Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # FL75L20A
Description  ROHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20A Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  FL75L20A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PART NUMBERING SYSTEM
FL
75
L
05
A
Product Family
Input Voltage
Product Series
Output Current
Space
Option Code
FL- EMI Filter
75- 0 ~ 75V
L – Industry standard
05 - 5A
A - Standard Functions
MODEL LIST
Module Name
Input Voltage (max.)
Current Rating (max.)
Size (metric)
Size (English unit)
FL75L05 A
75V
5A
25.4 x 25.4 x 10.2 mm
1.0 in. x 1.0 in. x 0.4 in.
FL75L10 A
75V
10A
50.8 x 27.9 x 12.5 mm
2.0 in. x 1.1 in. x 0.5 in.
FL75L20 A
75V
20A
50.8 x 40.6 x 12.7 mm
2.0 in. x 1.6 in. x 0.5 in.
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 ext 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for
any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
340Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
More results

Similar Description - FL75L20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com