Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L10A Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # FL75L10A
Description  Industry standard footprint and pin-out
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L10A Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  FL75L10A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PART NUMBERING SYSTEM
FL
75
L
20
A
Product Family
Input Voltage
Product Series
Output Current
Space
Option Code
FL- EMI Filter
75- 0 ~ 75V
L – Industry standard
20 - 20A
A – PIN length=5.0mm
B – PIN length=3.1mm
MODEL LIST
Module Name
Input Voltage (max.)
Current Rating (max.)
Size (metric)
Size (English unit)
FL75L05
A
75V
5A
25.4 x 25.4 x 10.2 mm
1.0 in. x 1.0 in. x 0.4 in.
FL75L10
A
75V
10A
50.8 x 27.9 x 12.5 mm
2.0 in. x 1.1 in. x 0.5 in.
FL75L20
A
75V
20A
50.8 x 40.6 x 12.7 mm
2.0 in. x 1.6 in. x 0.5 in.
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
Ext. 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for
any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - FL75L10A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L10A DELTA-FL75L10A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L10A DELTA-FL75L10A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 10A max output current
FL75L10A DELTA-FL75L10A Datasheet
340Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
FL75L10A DELTA-FL75L10A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
More results

Similar Description - FL75L10A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA DELTA-S48SA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
   Industry standard footprint and pin out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com