Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6050WS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD6050WS
Description  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6050WS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD6050WS_16 Datasheet HTML 1Page - Pan Jit International Inc. MMBD6050WS_16 Datasheet HTML 2Page - Pan Jit International Inc. MMBD6050WS_16 Datasheet HTML 3Page - Pan Jit International Inc. MMBD6050WS_16 Datasheet HTML 4Page - Pan Jit International Inc. MMBD6050WS_16 Datasheet HTML 5Page - Pan Jit International Inc. MMBD6050WS_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
May 24,2016­REV.03
MMBD6050WS
ELECTRICAL CHARACTERISTICS (T
J=25
O
C , unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
VBR
I R=100
A
80
-
-
V
Reverse Current
I R
VR=50V
-
100
nA
Forward Voltage
VF
I F=1mA
I F=100mA
0.55
0.85
-
0.7
1.1
V
Total Capacitance
CT
VR=0V, f =1MHz
-
-
2.5
pF
Reverse Recovery Time (Figure 1)
trr
I F=I R=10mA, RL=100
-
-
4
ns


Similar Part No. - MMBD6050WS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD6050WS-AU PANJIT-MMBD6050WS-AU Datasheet
167Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU PANJIT-MMBD6050WS-AU_16 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU_R1_000A1 PANJIT-MMBD6050WS-AU_R1_000A1 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU_R2_000A1 PANJIT-MMBD6050WS-AU_R2_000A1 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS PANJIT-MMBD6050WS_09 Datasheet
493Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD6050WS_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com