Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1812GKX7R9BB103 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # CS1812GKX7R9BB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1812GKX7R9BB103 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button CS1812GKX7R9BB103 Datasheet HTML 4Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 5Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 6Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 7Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 8Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 9Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 10Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 11Page - YAGEO Corporation CS1812GKX7R9BB103 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 6 NPO / 1808 to 1812
CAPACITANCE RANGE & THICKNESS
CAP.
1808
1812
1000V
2000V
3000V
100V
250V
500V
630V
1000V
2000V
3000V
10 pF
HC
IC
IC
IC
12 pF
HC
IC
IC
IC
15 pF
HC
IC
IC
IC
18 pF
HC
IC
IC
IC
22 pF
HC
IC
IC
IC
27 pF
HC
IC
IC
IC
33 pF
HA
HA
HC
IC
IC
IC
39 pF
HA
HA
HC
IC
IC
IC
47 pF
HA
HA
HC
IC
IC
IC
56 pF
HA
HA
HC
IC
IC
IC
IC
IC
IC
IC
68 pF
HA
HA
HC
IC
IC
IC
IC
IC
IC
IC
82 pF
HA
HA
HC
IC
IC
IC
IC
IC
IC
IC
100 pF
HA
HA
HC
IC
IC
IC
IC
IC
IC
IC
120 pF
HA
HA
IC
IC
IC
IC
IC
IC
IC
150 pF
HA
HA
IC
IC
IC
IC
IC
IC
IC
180 pF
HA
HA
IC
IC
IC
IC
IC
IC
IC
220 pF
HA
HA
IC
IC
IC
IC
IC
IC
IC
270 pF
HA
HA
IC
IC
IC
IC
IC
IC
330 pF
HA
HA
IC
IC
IC
IC
IC
IC
390 pF
HA
HA
IC
IC
IC
IC
IC
IC
470 pF
HA
HA
IC
IC
IC
IC
IC
560 pF
HA
HA
IC
IC
IC
IC
IC
680 pF
IC
IC
IC
IC
IC
820 pF
IC
IC
IC
IC
IC
1.0 nF
IC
IC
IC
IC
IC
1.2 nF
IC
IC
IC
IC
IC
1.5 nF
IC
IC
IC
IC
IC
1.8 nF
IC
IC
IC
2.2 nF
IC
IC
IC
2.7 nF
IC
IC
IC
3.3 nF
IC
IC
IC
3.9 nF
IC
IC
IC
4.7 nF
IC
IC
IC
5.6 nF
IC
6.8 nF
IC
8.2 nF
IC
10 nF
IC
12 nF
IC
15 nF
IC
18 nF
IC
22 nF
IC
27 nF
33 nF
Tape Width
12 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request
3. For product with 2% tolerance, please contact local sales force before ordering


Similar Part No. - CS1812GKX7R9BB103

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS18124 HAMMOND-CS18124 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS18126 HAMMOND-CS18126 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Similar Description - CS1812GKX7R9BB103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com