Electronic Components Datasheet Search |
|
AB40S0500A Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
AB40S0500A Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 5 page AB40S/D Series AC/DC Power Module 40W, Industrial & Medical Safety DS_AB40S/D_06112014 E-mail: DCDC@delta.com.tw http://www.deltaww.com/dcdc P1 FEATURES Fully encapsulated Plastic Case 3 Mounting Versions: - PCB Mounting with Solder Pins - Chassis Mounting with Screw Terminals - DIN-Rail Mounting Package Dimension 88.9x63.5x30.0 mm (PCB Mounting Version) Universal Input 85-264VAC, 47-440 Hz Protection Class ll Extended Operating Temp.Range -40°C to +60°C at full Load LED Output Indicator (Chassis Version Models) Industrial Safety to UL/cUL/IEC/EN 60950-1 and UL508 Medical Safety Approval to UL/cUL/IEC/EN 60601-1 3 rd Edition Over Load and Over Temperature Protection 3 Year Product Warranty The AB40S/D series is a range of fully encapsulated AC/DC power modules. These high performance products feature an extended operating temperature range of -40°C to +80°C. Universal input voltage 85-264VAC and UL/IEC/EN safety approvals including medical safety and UL508 listing qualify these power supplies modules for applications in products with worldwide markets.EMI-filter meets EN55022, class B and FCC,part15, class B. The AB40S/D series power modules provide an economical solution for many space critical applications in commercial, medical and industrial electronic equipment. Model Selection Guide Model Number PCB Mounting Output Voltage Output Current Input Current Max. capacitive Load Efficiency (typ.) 115VAC, 60Hz 230VAC, 50Hz Max. @Max. Load @Max. Load, 115VAC VDC mA mA(typ.) μF % AB40S0500A 5 8000 716 429 8000 81 AB40S1200A 12 3330 689 414 3900 84 AB40S1500A 15 2660 680 408 3900 85 AB40S2400A 24 1660 687 413 680 84 AB40D1212A ±12 ±1660 687 413 1500# 84 AB40D1515A ±15 ±1330 680 408 1000# 85 # For each output |
Similar Part No. - AB40S0500A |
|
Similar Description - AB40S0500A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |