Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB60S1200A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # AB60S1200A
Description  AC/DC Power Module 60W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AB60S1200A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  AB60S1200A Datasheet HTML 1Page - Delta Electronics, Inc. AB60S1200A Datasheet HTML 2Page - Delta Electronics, Inc. AB60S1200A Datasheet HTML 3Page - Delta Electronics, Inc. AB60S1200A Datasheet HTML 4Page - Delta Electronics, Inc. AB60S1200A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_AB60S_06162014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P4
Package Specifications Chassis Mounting (order code suffix C)
Mechanical Dimensions
Connections
Pi
n
Function
1
AC (N)
2
AC (L)
3
NC
4
+Vout
5
NC
6
-Vout
7
NC
NC: No Connection
All dimensions in mm (inches)
Tolerance: ±1.0 (±0.04)
Physical Characteristics
Case Size
:
112.0x67.8x38.0mm (4.41x2.67x1.50 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
380g
Package Specifications with DIN Rail Mounting Bracket (order code suffix D)
Mechanical Dimensions
Top View
1
2
3
4
5
6
7
4x 3.5
100.0 [3.94]
112.0 [4.41]
90.0 [3.54]
11.0 [0.43]
Indication LED
POWER"GOOD"INDICATOR
DC-
ON
Top View
1
2
3
4
5
6
7
4x
3.5
100.0 [3.94]
112.0 [4.41]
90.0 [3.54]
11.0 [0.43]
Indication LED
POWER"GOOD"INDICATOR
DC-
ON


Similar Part No. - AB60S1200A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
AB6000G 3M-AB6000G Datasheet
88Kb / 4P
   EMI Absorber with Shielding
AB6000S 3M-AB6000S Datasheet
88Kb / 4P
   EMI Absorber with Shielding
More results

Similar Description - AB60S1200A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AZF-60 MINMAX-AZF-60_16 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
logo
Delta Electronics, Inc.
AA60S0500A DELTA-AA60S0500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
AA60S DELTA-AA60S Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
TDK Electronics
KMS-A TDK-KMS-A Datasheet
529Kb / 2P
   15-60W Medical AC-DC PCB-Mount Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com