Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP-12V Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # ADP-12V
Description  Energy Star Compliance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

ADP-12V Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  ADP-12V Datasheet HTML 1Page - Delta Electronics, Inc. ADP-12V Datasheet HTML 2Page - Delta Electronics, Inc. ADP-12V Datasheet HTML 3Page - Delta Electronics, Inc. ADP-12V Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADP Series Power Adapters
12V 25W/36W/66W
TECHNICAL DATASHEET
 
Output Ratings / Characteristics
25W 
36W 
66W 
Rated Voltage
12V
Voltage Range(All Models)
11.4 ~ 12.6V
Current
0-2.1A
0-3A
0-5.5A
Output Ripple and Noise @20MHz.
BW, with 0.1uF ceramic and 47uF
Electrolytic Caps connected parallel
to load.
<120mVp-p
450mV pk-pk
120mV pk-pk
Turn On delay time
2 seconds @ 120Vac
5 seconds @ 100-240Vac
3 seconds @ 90Vac/60Hz
and -0°C to +45°C; OR
10 seconds at -20°C to 0°C.
Rise Time
<20ms
30mS
30ms
Max Load Capacitance (microfarads)
1000
470
1000
Load Transient Response
0%-50%-0% and 50%-100%-
50% of full nominal load.
frequency is 60Hz, 50% duty
cycle and the slew rate shall
be at 0.02A/us.
0.1~1.5A & 1.5A~3A load at
2.5A/us slew rate , 50% Duty
cycle , Frequency be
operated 100Hz ~ 10KHz
25 % step load change at 1
A/s.at frequency 500Hz with
50% duty.
Environment, EMI and Immunity
  
25W 
36W 
66W 
Operating Temperature
0 °C to +40 °C
-20 °C to +45 °C
Shipping/Storage Temperature
-20 °C to +75 °C
-30 °C to +80 °C
-40 °C to +85 °C
Operating Humidity
Up to 95%
8% to 90% RH (Non-
Condensing)
10% to 95% RH (Non-
Condensing)
Shipping/Storage Humidity
5% to 95% RH (Non-Condensing)
10-95% RH (Non-Condensing)
Operating Altitude
Maximum of 3700 meters
(12000 feet)
Maximum of 5000 meters
-150 to 3000 meters
(-500 to 10000 feet)
Lightning Surge Immunity
Per IEC-1000-4-5
L-N, L-G, N-G, IEEE
C62.41.2, 0.5 µs – 100 kHz
Ring Wave, 1.2/50 µs - 8/20
µs Combination Wave
6KV, Criterion B
Line –Neutral 1KV/1.2 *
50us Level 3 Criteria A
L-N, L-G, N-G
Combination Wave
6KV, Criterion B
Electric Fast Transients (EFT)
EN61000-4-4 +/-1kV on
input power lines; Criterion B
I EC-1000-4-4/1995 (EN
61000-4-4) Level 3
requirements
EN61000-4-4 +/-1kV on
input power lines; Criterion B
Electrostatic Discharge (ESD)
Per IEC-61000-4-2
Contact discharge:±8KV
Air discharge:±15KV
+/-8kV air discharge; +/-6kV contact
discharge;
Dielectric Withstand Voltage (HI-
POT)
3KV AC RMS from AC Input to Output
Leakage Current
<250uA at 264 Vac
<100uA at 240Vac/50Hz
<250uA at 264 Vac
Insulation Resistance
The insulation resistance
shall be not less than 4M
ohms after application of
500Vdc/10mA for 1 minute.
The insulation resistance
shall be not less than 30M
ohms after application of
500Vdc/10mA for 1 minute.
The insulation resistance
shall be not less than 10M
ohms after application of
500Vdc/10mA for 1 minute.
Electromagnetic Interference (EMI)
CISPR 22/EN55022 Class
B.
(a) FCC Class B
(b) CISPR 22 Class B
(c) VCCI Class B
CISPR 22 :
1997/EN55022(1998) Class
B.
MTBF
200,000 hours of continuous
operation at 25
80,000 hours of continuous
operation at 25
150,000 hours of operation at
90% confidence level at
25degC
Electrolytic Capacitor Operating Life
7 years at 115VAC, 40C and
100% rated load
3 years at 115 Vac and 230
Vac, and 25degC 100%
rated load
5 years at 115 Vac and 230
Vac, and 25degC 100%
rated load


Similar Part No. - ADP-12V

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADP-10-35-55-SR ADAM-TECH-ADP-10-35-55-SR Datasheet
199Kb / 1P
   1.00 DC PLUG
ADP-100-350-950 ADAM-TECH-ADP-100-350-950 Datasheet
64Kb / 1P
   1.0 DC PLUG
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
   Over-Voltage/Load/Temperature & Short Circuit protections
More results

Similar Description - ADP-12V

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
ADP19V DELTA-ADP19V Datasheet
461Kb / 5P
   Energy Star Compliance (Level VI)
ADP12V DELTA-ADP12V Datasheet
433Kb / 4P
   Energy Star Compliance (Level VI)
logo
XP Power Limited
AMD150 XPPOWER-AMD150 Datasheet
124Kb / 2P
   Energy Star Level V
VCP05US033 XPPOWER-VCP05US033 Datasheet
62Kb / 2P
   Energy Star, CEC & EISA Compliant
logo
FSP TECHNOLOGY INC.
FSP040-DGAA5 FSP-FSP040-DGAA5 Datasheet
109Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
FSP065-REBN2 FSP-FSP065-REBN2 Datasheet
122Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
FSP120-AFAN2 FSP-FSP120-AFAN2 Datasheet
68Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
FSP220-AFAN1 FSP-FSP220-AFAN1 Datasheet
107Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
FSP120-ABBN2 FSP-FSP120-ABBN2 Datasheet
68Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
FSP120-AFBN2 FSP-FSP120-AFBN2 Datasheet
68Kb / 1P
   Meet Energy Star EPS2.0/ErP lot 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com