Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB24D1212A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # AB24D1212A
Description  AC/DC Power Module 24W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AB24D1212A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  AB24D1212A Datasheet HTML 1Page - Delta Electronics, Inc. AB24D1212A Datasheet HTML 2Page - Delta Electronics, Inc. AB24D1212A Datasheet HTML 3Page - Delta Electronics, Inc. AB24D1212A Datasheet HTML 4Page - Delta Electronics, Inc. AB24D1212A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS_AB24S/D_06112014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
Notes
1
This product is not designed for use in critical life support systems, equipment used in hazardous environment, nuclear control
systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
2
Specifications typical at Ta=+25
℃, resistive load, 115VAC, 60Hz input voltage, after warm-up time rated output current unless
otherwise noted.
3
Safety approvals cover frequency 47-63 Hz.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
To order the module with chassis mount package, please add a suffix C (e.g. AB24S2400C).
7
To order the module in chassis mount with DIN-Rail kit, please add a suffix D (e.g. AB24S2400D)
8
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
9
Specifications are subject to change without notice.
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
AC (N)
AC (N)
2
AC (L)
AC (L)
3
No Pin
No Pin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
7
No Pin
No Pin
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
:
74.0x54.0x19.5mm (2.91x2.13x0.77 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
137g
Bottom View
41.4 [1.63]
20.32 [0.80]
54.0 [2.13]
Mounting M4.0 Thread
6.3
[0.25]
6.3
[0.25]
8.89
[0.35]
11.43
[0.45]
19.5 [0.77]
0.7 [0.03]
7
6
5
4
3
6.0 [0.24]
1
2
8.89
[0.35]
11.43
[0.45]


Similar Part No. - AB24D1212A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
AB24S CHENDA-AB24S Datasheet
704Kb / 2P
   4 0 to 200 Volts Current - 2.0 Ampere
AB24S CHENDA-AB24S Datasheet
778Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S Datasheet
504Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S_17 Datasheet
778Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S_V01 Datasheet
504Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB24D1212A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
MORNSUN Science& Techno...
MA02405HA MORNSUN-MA02405HA Datasheet
420Kb / 4P
   24W AC/DC Adapter
MY02405DA MORNSUN-MY02405DA Datasheet
320Kb / 4P
   24W AC/DC Adapter
MG02405HA MORNSUN-MG02405HA Datasheet
436Kb / 4P
   24W AC/DC Adapter
MI02405HA MORNSUN-MI02405HA Datasheet
432Kb / 4P
   24W AC/DC Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com