Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP-19V Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # ADP-19V
Description  Over-Voltage/Load/Temperature & Short Circuit protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

ADP-19V Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  ADP-19V Datasheet HTML 1Page - Delta Electronics, Inc. ADP-19V Datasheet HTML 2Page - Delta Electronics, Inc. ADP-19V Datasheet HTML 3Page - Delta Electronics, Inc. ADP-19V Datasheet HTML 4Page - Delta Electronics, Inc. ADP-19V Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TECHNICAL DATASHEET
ADP Series Power Adapters
19V 40W/65W/90W
 
 
 www.DeltaPSU.com (January 2016, Rev. 1.0)  
 5 
ADP-90MD HDM


Similar Part No. - ADP-19V

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADP-10-35-55-SR ADAM-TECH-ADP-10-35-55-SR Datasheet
199Kb / 1P
   1.00 DC PLUG
ADP-100-350-950 ADAM-TECH-ADP-100-350-950 Datasheet
64Kb / 1P
   1.0 DC PLUG
logo
Delta Electronics, Inc.
ADP-12V DELTA-ADP-12V Datasheet
433Kb / 4P
   Energy Star Compliance
More results

Similar Description - ADP-19V

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com