Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD751BS Datasheet(PDF) 2 Page - Weitron Technology

Part # WSD751BS
Description  SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD751BS Datasheet(HTML) 2 Page - Weitron Technology

  WSD751BS Datasheet HTML 1Page - Weitron Technology WSD751BS Datasheet HTML 2Page - Weitron Technology WSD751BS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
Device Marking
Item
Marking
Eqivalent Circuit diagram
http://www.weitron.com.tw
5
Cathode
Anode
2
1
2/3
20-Jan-2015
Maximum Ratings (TA=25˚C Unless otherwise noted)
(TA=25˚C Unless otherwise noted)
Characteristic
Characteristic
DC Reverse Voltage
Reverse Voltage (Repetitive Peak)
Average Rectifier Forward Current
Peak Forward Surge Current ( 60Hz
• 1cyc )
Storage Temperature Range
Forward Voltage
IF=1mA
Reverse Leakage
Capacitance Between Teminals
VR=30V
VR=1V , f=1MHz
Symbol
Symbol
Min
Typ
Max
Tstg
VF
IR
Ct
IFSM
200
30
30
40
IO
VR
VRM
Value
Unit
Unit
-40 to +125
˚C
Operation Junction Temperature Range
TJ
125
0.37
0.5
-
-
-
-
-
2
-
˚C
mA
mA
V
V
V
µA
pF
Electrical Characteristics
WSD751BS
WSD751BS


Similar Part No. - WSD751BS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD751B WEITRON-WSD751B Datasheet
259Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - WSD751BS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
1N60 WEITRON-1N60 Datasheet
239Kb / 2P
   Schottky Barrier Diodes SMALL SIGNAL SCHOTTKY DIODES 30m/50m AMPERES 40/45VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com