Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFB0512HHB-F00 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0512HHB-F00
Description  PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0512HHB-F00 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0512HHB-F00 Datasheet HTML 1Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 2Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 3Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 4Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 5Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 6Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 7Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 8Page - Delta Electronics, Inc. AFB0512HHB-F00 Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPECIFICATION FOR APPROVAL
Customer
Description
DC FAN
Part No.
REV .
Delta Model No. AFB0512HHB-F00
REV.
00
Sample Issue No.
Sample Issue Date
MAY.16.2008
PLEASE SEND ONE COPY OF THIS SPECIFICAITON
BACK
AFTER
YOU
SIGNED
APPROVAL
FOR
PRODUCTION PRE-ARRANGMENT.
APPROVED BY:
DATE
:
DELTA ELECTRONICS, INC.
TAOYUAN PLANT
252, SHANG YING ROAD, KUEI SAN INDUSTRIAL ZONE
TAOYUAN SHIEN, TAIWAN, R.O.C
.
TEL:886-(0)3-3591968
FAX:886-(0)3-3591991


Similar Part No. - AFB0512HHB-F00

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
   50 x 50 x 15 MM SERIES
More results

Similar Description - AFB0512HHB-F00

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0612SH-TA50 DELTA-AFB0612SH-TA50 Datasheet
774Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412VHA-DU48 DELTA-AFB0412VHA-DU48 Datasheet
604Kb / 10P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0512VHD-TZW4 DELTA-AFB0512VHD-TZW4 Datasheet
686Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0524VHD-TZW5 DELTA-AFB0524VHD-TZW5 Datasheet
691Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624EH-TA50 DELTA-AFB0624EH-TA50 Datasheet
756Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0405HHA-AF00 DELTA-AFB0405HHA-AF00 Datasheet
1Mb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HHA-TA5F DELTA-AFB0412HHA-TA5F Datasheet
856Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com