Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40SR12424d Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # B40SR12424d
Description  12V Output DC/DC Converter, Box Type Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

B40SR12424d Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  B40SR12424d Datasheet HTML 1Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 2Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 3Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 4Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 5Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 6Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 7Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 8Page - Delta Electronics, Inc. B40SR12424d Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS_B40SR12424_10282016
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P4
ELECTRICAL CURVES
Figure 5: Dynamic response to load step 12A~18A with
0.1A/uS slew rate at 48Vin
CH1:VOUT, 100mV/div, 500uS/div
Figure 6: Vout start up with Vin on at 48Vin,24A Iout,
TOP:VIN, 20V/div, 200mS/div
BOTTOM: VOUT, 5V/div, 200mS/div
Figure 7: Output ripple & noise at 48Vin, 24A Iout
CH1:VOUT, 50mV/div, 5uS/div
Figure 9: Input current vs. Input voltage
@ Vin=18V~27V, 200W;
Vin=27V~60V, 300W(for A/B/C/D/H)
Figure 8: Output over voltage protection at 48Vin, 24A Iout
CH1:VOUT, 10V/div, 50mS/div
Figure 10: Output voltage vs. Output current
OCL Performance( for A/B/C/D/H)


Similar Part No. - B40SR12424d

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40S DIOTEC-B40S Datasheet
140Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
B40S BILIN-B40S Datasheet
176Kb / 2P
   GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
B40S DIOTEC-B40S Datasheet
121Kb / 2P
   Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S Datasheet
106Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
More results

Similar Description - B40SR12424d

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B62SR12424A DELTA-B62SR12424A Datasheet
862Kb / 12P
   12V Output DC/DC Converter, Box Type Package
B70SR12424A DELTA-B70SR12424A Datasheet
716Kb / 11P
   12V Output DC/DC Converter, Box Type Package
B70SR24125A DELTA-B70SR24125A Datasheet
935Kb / 12P
   24V Output DC/DC Converter, Box Type Package
B62SR24125A DELTA-B62SR24125A Datasheet
1,019Kb / 13P
   24V Output DC/DC Converter, Box Type Package
logo
Rohm
BP5122 ROHM-BP5122 Datasheet
560Kb / 3P
   DC/DC converter (-12V/100mA output)
logo
Delta Electronics, Inc.
PACSR12025 DELTA-PACSR12025 Datasheet
660Kb / 7P
   12V Output AC/DC Converter
PACSR12042 DELTA-PACSR12042 Datasheet
739Kb / 7P
   12V Output AC/DC Converter
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
PULS GmbH
CD5.121 PULS-CD5.121 Datasheet
599Kb / 22P
   DC/DC Converter 12V, 8A
logo
TAMURA Corporation.
SPM1203SJ TAMURA-SPM1203SJ Datasheet
360Kb / 7P
   DC DC CONVERTER 12V 4W
Rev.C Sep, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com