Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM12T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SM12T1G
Description  Transient Voltage Suppressor Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SM12T1G Datasheet(HTML) 1 Page - ON Semiconductor

  SM12T1G Datasheet HTML 1Page - ON Semiconductor SM12T1G Datasheet HTML 2Page - ON Semiconductor SM12T1G Datasheet HTML 3Page - ON Semiconductor SM12T1G Datasheet HTML 4Page - ON Semiconductor SM12T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2016 − Rev. 7
1
Publication Order Number:
SM05T1/D
SM05T1GSeries,
SZSM05T1G
Transient Voltage
Suppressor Diode Array
SOT−23 Dual Common Anode Diodes
for ESD Protection
These dual monolithic silicon TVS diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
anode design protects two separate lines using only one package. These
devices are ideal for situations where board space is at a premium.
Specification Features:
SOT−23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Working Peak Reverse Voltage Range − 5.0 V to 24 V
Peak Power − 300 Watt (8 X 20 ms)
Low Leakage
Flammability Rating UL 94 V−0
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These are Pb−Free Devices
Mechanical Characteristics:
CASE:
Void-Free, Transfer-Molded, Thermosetting Plastic Case
FINISH:
Corrosion Resistant Finish, Easily Solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
Available in 8 mm Tape and Reel
Use the Device Number to Order the 7 Inch/3,000 Unit Reel
Replace the “T1” with “T3” in the Device Number to Order the
13 Inch/10,000 Unit Reel
SOT−23
CASE 318
STYLE 12
1
3
2
PIN 1. CATHODE
2. CATHODE
3. ANODE
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SM05T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
SM12T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
xxM M
G
G
xxM = Device Code
xx = 05, 12, 15, 24, 36
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
SM15T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
SM24T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
SM36T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
SZSM05T1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
www.onsemi.com


Similar Part No. - SM12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM12T1G ONSEMI-SM12T1G Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
TECH PUBLIC Electronics...
SM12T1G TECHPUBLIC-SM12T1G Datasheet
997Kb / 4P
   2-Line Uni-directional TVS Diode
logo
Guangdong Youtai Semico...
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
More results

Similar Description - SM12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
SM05T1 ONSEMI-SM05T1 Datasheet
56Kb / 6P
   Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
logo
General Semiconductor
SMDA05C-8 GE-SMDA05C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com