Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16807AUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 7Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 8Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 9Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 10Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 11Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 12Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
11
Detailed Description
The MAX16807/MAX16808 LED drivers include an
internal switch-mode controller that can be used as
boost or buck-boost (SEPIC) converters to generate the
voltage necessary to drive the multiple strings of LEDs.
These devices incorporate an integrated low-side dri-
ver, a programmable oscillator (20kHz to 1MHz), an
error amplifier, a low-voltage (300mV) current sense for
higher efficiency, and a 5V reference to power up
external circuitry (see Figures 1a, 1b, and 1c).
The MAX16807/MAX16808 LED drivers include a 4-wire
serial interface and a current-mode PWM controller to
generate the necessary voltage for driving eight open-
drain, constant-current-sinking output ports. The drivers
use current-sensing feedback circuitry (not simple cur-
rent mirrors) to ensure very small current variations over
the full allowed range of output voltage (see the
Typical
Operating Characteristics). The 4-wire serial interface
comprises an 8-bit shift register and an 8-bit transpar-
ent latch. The shift register is written through a clock
input, CLK, and a data input, DIN, and the data propa-
gates to a data output, DOUT. The data output allows
multiple drivers to be cascaded and operated together.
The contents of the 8-bit shift register are loaded into
the transparent latch through a latch-enable input, LE.
The latch is transparent to the shift register outputs
when high and latches the current state on the falling
edge of LE. Each driver output is an open-drain, con-
stant-current sink that should be connected to the cath-
Pin Description
PIN
NAME
FUNCTION
1, 13, 28
N.C.
No Connection. Not internally connected. Leave unconnected.
2
AGND
Analog Ground
3
OUT
MOSFET Driver Output OUT. Connects to the gate of the external n-channel MOSFET.
4VCC
Power-Supply Input. Bypass VCC to AGND with a 0.1µF ceramic capacitor or a parallel combination
of a 0.1µF and a higher value ceramic capacitor.
5
REF
5V Reference Output. Bypass REF to AGND with a 0.1µF ceramic capacitor.
6–9
OUT4–OUT7
LED Driver Outputs. OUT4–OUT7 are open-drain, constant-current-sinking outputs rated for 36V.
10
OE
Active-Low Output Enable Input. Drive OE low to PGND to enable the OUT0–OUT7. Drive OE high to
disable OUT0–OUT7.
11
DOUT
Serial-Data Output. Data is clocked out of the 8-bit internal shift register to DOUT on CLK’s rising
edge.
12
SET
LED Current Setting. Connect RSET from SET to PGND to set the LED current.
14
V+
LED Driver Positive Supply Voltage. Bypass V+ to PGND with a 0.1µF ceramic capacitor.
15, 16
PGND
Power Ground
17
DIN
Serial-Data Input
18
CLK
Serial-Clock Input
19
LE
Latch-Enable Input. Data is loaded transparently from the internal shift register(s) to the output
latch(es) while LE is high. Data is latched into the output latch(es) on LE’s falling edge, and retained
while LE is low.
20–23
OUT0–OUT3
LED Driver Outputs. OUT0–OUT3 are open-drain, constant-current-sinking outputs rated for 36V.
24
COMP
Error-Amplifier Output
25
FB
Error-Amplifier Inverting Input
26
CS
PWM Controller Current-Sense Input
27
RTCT
PWM Controller Timing Resistor/Capacitor Connection. A resistor RT from RTCT to REF and a
capacitor CT from RTCT to AGND set the oscillator frequency.
—EP
Exposed Paddle. Connect to the ground plane for improved power dissipation. Do not use as the
only ground connection for the part.


Similar Part No. - MAX16807AUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16807AUI++ MAXIM-MAX16807AUI+ Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16807AUI++ MAXIM-MAX16807AUI+ Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
More results

Similar Description - MAX16807AUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com