Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4225 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4225
Description  Audio Output for TV application 5W Monaural Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4225 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4225 Datasheet HTML 1Page - Sanyo Semicon Device LA4225 Datasheet HTML 2Page - Sanyo Semicon Device LA4225 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
42706 MS JK B8-4645 No.A0318-1/3
LA4225
Overview
LA4225 is a 5W monaural power amplifier intended for television audio output.
This IC requires only two external components (capacitors) to construct amplifiers and is ideal for realizing substantial
cost reduction of electronic devices.
Functions
• 5W monaural power amplifier (VCC = 18V, RL = 8Ω)
• Full complement of protection circuits
Thermal shutdown protector on chip
Short between an output and DC protection circuit
• On-chip pop noise reduction circuit
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
24
V
Maximum output current
IO peak
3.3
A
Allowable power dissipation
Pd max
Arbitrarily large heat sink
7.5
W
Operating temperature
Topr
-25 to +75
C
Storage temperature
Tstg
-40 to +150
C
Operating Conditions at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Recommended supply voltage
VCC
13.2
V
Recommended load resistance
RL
4
Allowable operating voltage range
VCC op
Not exceeding the package Pd.
5 to 22
V
Recommended load resistance
range
RL op
4 to 8
Ordering number : ENA0318
Monolithic Linear IC
Audio Output for TV application
5W Monaural Power Amplifier


Similar Part No. - LA4225

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results

Similar Description - LA4225

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42051 SANYO-LA42051 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com