Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252QDRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2252QDRQ1
Description  Qualified for Automotive Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2252QDRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TLC2252QDRQ1 Datasheet HTML 1Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 2Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 3Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 4Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC2252QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLC225xQ1, TLC225xAQ1
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SGLS188A − OCTOBER 2003 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLC2252/4 also makes great upgrades to the TLC27L2/L4 or TS27L2/L4 in standard designs. They offer
increased output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set
allows them to be used in a wider range of applications. For applications that require higher output drive and
wider input voltage ranges, see the TLV2432 and TLV2442 devices. If the design requires single amplifiers,
please see the TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23
package. Their small size and low power consumption, make them ideal for high density, battery-powered
equipment.
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
850 V
SOIC (D)
Tape and reel
TLC2252AQDRQ1
2252AQ
850
µV
TSSOP (PW)
Tape and reel
TLC2252AQPWRQ1
2252AQ
1550 V
SOIC (D)
Tape and reel
TLC2252QDRQ1
2252Q1
−40
°C to 125°C
1550
µV
TSSOP (PW)
Tape and reel
TLC2252QPWRQ1
2252Q1
−40
°C to 125°C
850 V
SOIC (D)
Tape and reel
TLC2254AQDRQ1
TLC2254AQ1
850
µV
TSSOP (PW)
Tape and reel
TLC2254AQPWRQ1
2254AQ
1550 V
SOIC (D)
Tape and reel
TLC2254QDRQ1
TLC2254Q1
1550
µV
TSSOP (PW)
Tape and reel
TLC2254QPWRQ1
2254Q1
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
TLC2252, TLC2252A
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD−/GND
3IN +
3IN −
3OUT
TLC2254, TLC2254A
D OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLC2252QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2252QDRQ1 TI-TLC2252QDRQ1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252QDRQ1 TI1-TLC2252QDRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2252QDRQ1

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com