Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9G4G08B0A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9G4G08B0A
Description  512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9G4G08B0A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9G4G08B0A Datasheet HTML 7Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 8Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 9Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 10Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 11Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 12Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 13Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 14Page - Samsung semiconductor K9G4G08B0A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
FLASH MEMORY
11
Preliminary
K9G4G08U0A K9G4G08B0A
K9L8G08U1A
VALID BLOCK
NOTE :
1. The device may include initial invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid blocks is
presented wi h both cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits. Do not erase or pro-
gram factory-marked bad blocks. Refer to the attached technical notes for appropriate management of initial invalid blocks.
2. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block at the time of shipment.
3. The number of valid block is on the basis of single plane operations, and this may be decreased with two plane operations.
* : Each K9G4G08U0A chip in the K9L8G08U1A has Maximun 50 invalid blocks.
Parameter
Symbol
Min
Typ.
Max
Unit
K9G4G08X0A
NVB
1,998
-
2,048
Blocks
K9L8G08U1A*
NVB
3,996
-
4,096
Blocks
CAPACITANCE(TA=25°C, VCC=2.7V/3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP should be biased to CMOS high or CMOS low for standby.
CLE
ALE
CE
WE
RE
WP
Mode
HL
L
H
X
Read Mode
Command Input
L
H
L
H
X
Address Input(5clock)
HL
L
H
H
Write Mode
Command Input
L
H
L
H
H
Address Input(5clock)
L
L
L
H
H
Data Input
L
L
L
H
X
Data Output
X
X
X
X
H
X
During Read(Busy)
X
XXXX
H
During Program(Busy)
X
XXXX
H
During Erase(Busy)
X
X(1)
X
X
X
L
Write Protect
XX
H
X
X
0V/VCC(2)
Stand-by
AC TEST CONDITION
(K9XXG08XXA-XCB0 :TA=0 to 70 C, K9XXG08XXA-XIB0:TA=-40 to 85 C,
K9XXG08BXA: Vcc=2.5V~2.9V, K9XXG08UXA: Vcc=2.7V~3.6V unless otherwise)
Parameter
K9G4G08B0A
K9XXG08UXA
Input Pulse Levels
0V to Vcc
0V to Vcc
Input Rise and Fall Times
5ns
5ns
Input and Output Timing Levels
Vcc/2
Vcc/2
Output Load
1 TTL GATE and CL=30pF
1 TTL GATE and CL=50pF


Similar Part No. - K9G4G08B0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9G4G08U STMICROELECTRONICS-K9G4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
More results

Similar Description - K9G4G08B0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
logo
Hynix Semiconductor
H27U4G8F2D HYNIX-H27U4G8F2D Datasheet
1,015Kb / 62P
   4 Gbit (512M x 8 bit) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com