Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9261-10EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9261-10EBZ
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261-10EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9261-10EBZ Datasheet HTML 5Page - Analog Devices AD9261-10EBZ Datasheet HTML 6Page - Analog Devices AD9261-10EBZ Datasheet HTML 7Page - Analog Devices AD9261-10EBZ Datasheet HTML 8Page - Analog Devices AD9261-10EBZ Datasheet HTML 9Page - Analog Devices AD9261-10EBZ Datasheet HTML 10Page - Analog Devices AD9261-10EBZ Datasheet HTML 11Page - Analog Devices AD9261-10EBZ Datasheet HTML 12Page - Analog Devices AD9261-10EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9261
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
CLK–
CVDD
PDWN
DVDD
DGND
DRVDD
PLL_LOCKED
DCO
D0
D1
D2
D3
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE FOR
THE LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO THE PCB
INCREASES THE RELIABILITY OF THE SOLDER JOINTS, MAXIMIZING
THE THERMAL CAPACITY OF THE PACKAGE.
PLLMULT1/SDIO
PLLMULT2
PLLMULT3
PLLMULT4
DVDD
DGND
DRVDD
OR
D15
D14
D13
35
PLLMULT0/SCLK
36
34
33
32
31
30
29
28
27
26
25
AD9261
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK−
Clock Input (−).
2
CVDD
Clock Supply (1.8 V).
3
PDWN
External Power-Down Pin.
4, 19, 31
DVDD
Digital Supply (1.8 V).
5, 18, 30
DGND
Digital Ground.
6, 17, 29
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
7
PLL_LOCKED
PLL Lock Indicator.
8
DCO
Data Clock Output.
9 to 16, 20 to 27
D0 to D15
Data Output Bits. D0 is the LSB and D15 is the MSB.
28
OR
Overrange Indicator.
32, 33, 34
PLLMULT4, PLLMULT3, PLLMULT2
PLL Mode Selection Pins.
35
PLLMULT1/SDIO
PLL Mode Selection Pin/Serial Port Interface Data Input/Output.
36
PLLMULT0/SCLK
PLL Mode Selection Pin/Serial Port Interface Clock.
37
CSB
Serial Port Interface Chip Select. Active low.
38, 46
AGND
Analog Ground.
39, 42, 45
AVDD
Analog Supply (1.8 V).
40
VREF
Voltage Reference Input/Output.
41
CFILT
Noise Limiting Filter Capacitor.
43
VIN+
Analog Input (+).
44
VIN–
Analog Input (−).
47
CGND
Clock Ground.
48
CLK+
Clock Input (+).
49
EPAD
Analog Ground. Pin 49 is the exposed thermal pad on the bottom of the package.


Similar Part No. - AD9261-10EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
More results

Similar Description - AD9261-10EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com