Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9284-250EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9284-250EBZ
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284-250EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9284-250EBZ Datasheet HTML 1Page - Analog Devices AD9284-250EBZ Datasheet HTML 2Page - Analog Devices AD9284-250EBZ Datasheet HTML 3Page - Analog Devices AD9284-250EBZ Datasheet HTML 4Page - Analog Devices AD9284-250EBZ Datasheet HTML 5Page - Analog Devices AD9284-250EBZ Datasheet HTML 6Page - Analog Devices AD9284-250EBZ Datasheet HTML 7Page - Analog Devices AD9284-250EBZ Datasheet HTML 8Page - Analog Devices AD9284-250EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9284
Data Sheet
Rev. A | Page 4 of 24
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, maximum sample rate, VIN = −1.0 dBFS differential input, unless
otherwise noted.
Table 2.
Parameter
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 10.3 MHz
25°C
49.3
dBFS
fIN = 70 MHz
25°C
49.3
dBFS
fIN = 96.6 MHz
Full
48.7
49.3
dBFS
fIN = 220 MHz
25°C
49.3
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 10.3 MHz
25°C
49.2
dBFS
fIN = 70 MHz
25°C
49.2
dBFS
fIN = 96.6 MHz
Full
48.5
49.2
dBFS
fIN = 220 MHz
25°C
49.2
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10.3 MHz
25°C
7.9
Bits
fIN = 70 MHz
25°C
7.9
Bits
fIN = 96.6 MHz
Full
7.8
7.9
Bits
fIN = 220 MHz
25°C
7.9
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 10.3 MHz
25°C
−70
dBc
fIN = 70 MHz
25°C
−70
dBc
fIN = 96.6 MHz
Full
−70
−61
dBc
fIN = 220 MHz
25°C
−65
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 10.3 MHz
25°C
70
dBc
fIN = 70 MHz
25°C
70
dBc
fIN = 96.6 MHz
Full
61
69
dBc
fIN = 220 MHz
25°C
65
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 10.3 MHz
25°C
−71
dBc
fIN = 70 MHz
25°C
−71
dBc
fIN = 96.6 MHz
Full
−70
−64
dBc
fIN = 220 MHz
25°C
−67
dBc
CROSSTALK
Full
−80
dBc


Similar Part No. - AD9284-250EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9284-250EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com