Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9284-250EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9284-250EBZ
Description  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9284-250EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9284-250EBZ Datasheet HTML 2Page - Analog Devices AD9284-250EBZ Datasheet HTML 3Page - Analog Devices AD9284-250EBZ Datasheet HTML 4Page - Analog Devices AD9284-250EBZ Datasheet HTML 5Page - Analog Devices AD9284-250EBZ Datasheet HTML 6Page - Analog Devices AD9284-250EBZ Datasheet HTML 7Page - Analog Devices AD9284-250EBZ Datasheet HTML 8Page - Analog Devices AD9284-250EBZ Datasheet HTML 9Page - Analog Devices AD9284-250EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD9284
Rev. A | Page 5 of 24
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
LVDS/PECL
Internal Common-Mode Bias
Full
1.2
V
Differential Input Voltage2
Full
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
V
High Level Input Voltage
Full
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance (Differential)
25°C
20
Input Capacitance
25°C
4
pF
LOGIC INPUTS
CSB
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−5
−0.4
+5
μA
Low Level Input Current
Full
−80
−63
−50
μA
Input Resistance
25°C
30
Input Capacitance
25°C
2
pF
SCLK, SDIO/PWDN, OE
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
50
57
70
μA
Low Level Input Current
Full
−5
−0.4
+5
μA
Input Resistance
25°C
30
Input Capacitance
25°C
2
pF
DIGITAL OUTPUTS (D7+, D7− to D0+, D0−), LVDS
DRVDD = 1.8 V
Differential Output Voltage (VOD)
Full
290
345
400
mV
Output Offset Voltage (VOS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Offset binary
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were
completed.
2
Specified for LVDS and LVPECL only.


Similar Part No. - AD9284-250EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9284-250EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com