Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10677BWS Datasheet(PDF) 10 Page - Analog Devices

Part # AD10677BWS
Description  16-Bit, 65 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10677BWS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD10677BWS Datasheet HTML 2Page - Analog Devices AD10677BWS Datasheet HTML 3Page - Analog Devices AD10677BWS Datasheet HTML 4Page - Analog Devices AD10677BWS Datasheet HTML 5Page - Analog Devices AD10677BWS Datasheet HTML 6Page - Analog Devices AD10677BWS Datasheet HTML 7Page - Analog Devices AD10677BWS Datasheet HTML 8Page - Analog Devices AD10677BWS Datasheet HTML 9Page - Analog Devices AD10677BWS Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD10677
Rev. B | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
2.5
5
7.5
10
15
25
12.5
17.5 20 22.5
27.5 30 32.5
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 2.3MHz
SNR = 80.1dBFS
SFDR = 96.16dBFS
Figure 7. Single-Tone at 2.5 MHz
0
2.5
5
7.5
10
15
25
12.5
17.5 20 22.5
27.5 30 32.5
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 10.1MHz
SNR = 80.22dBFS
SFDR = 94.3dBFS
Figure 8. Single-Tone at 10 MHz
0
2.5
5
7.5
10
15
25
12.5
17.5 20 22.5
27.5 30 32.5
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 31.7MHz
SNR = 78.95dBFS
SFDR = 85.5dBFS
Figure 9. Single-Tone at 32 MHz
0
2.5
5
7.5
10
15
25
12.5
17.5 20 22.5
27.5 30 32.5
–130
–120
–100
–60
–40
–20
–10
0
–80
–110
–70
–50
–30
–90
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 10.1MHz AND 12.1MHz
IMD = 97.03dBFS
Figure 10. Two-Tone @ 10.1 MHz and 12.3 MHz
FREQUENCY (MHz)
–2.0
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
1.0
10.9
20.8
30.7
40.6
50.5
60.4
70.3
80.2
90.1 100.0
AIN = –1dBFS
Figure 11. Gain Flatness
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.1
1.0
10.0
100.0
1000.0
Figure 12. Analog Input VSWR


Similar Part No. - AD10677BWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10677PCB AD-AD10677PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
More results

Similar Description - AD10677BWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com